データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAI-08052 データシート(PDF) 1 Page - ON Semiconductor

部品番号 KAI-08052
部品情報  Interline CCD Image Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08052 データシート(HTML) 1 Page - ON Semiconductor

  KAI-08052 Datasheet HTML 1Page - ON Semiconductor KAI-08052 Datasheet HTML 2Page - ON Semiconductor KAI-08052 Datasheet HTML 3Page - ON Semiconductor KAI-08052 Datasheet HTML 4Page - ON Semiconductor KAI-08052 Datasheet HTML 5Page - ON Semiconductor KAI-08052 Datasheet HTML 6Page - ON Semiconductor KAI-08052 Datasheet HTML 7Page - ON Semiconductor KAI-08052 Datasheet HTML 8Page - ON Semiconductor KAI-08052 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 0
1
Publication Order Number:
KAI−08052/D
KAI-08052
3296 (H) x 2472 (V)
Interline CCD Image Sensor
Descriptio
n
The KAI−08052 Image Sensor is an 8−megapixel, 4/3” optical
format CCD that provides increased Quantum Efficiency (particularly
for NIR wavelengths) compared to members of the standard 5.5
mm
family.
The sensor shares the same broad dynamic range, excellent imaging
performance, and flexible readout architecture as other members of
the 5.5
mm pixel family. But QE at 820 nm has been approximately
doubled compared to existing devices, enabling enhanced sensitivity
without a corresponding decrease in the Modulation Transfer Function
(MTF) of the device.
The KAI−08052 is available with the Sparse Color Filter Pattern,
which provides a 2x improvement in light sensitivity compared to a
standard color Bayer part.
The KAI−08052 is drop−in compatible with the KAI−08051 Image
Sensor, simplifying adoption by camera manufacturers currently
working with the KAI−08051.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD; Progressive Scan
Total Number of Pixels
3364 (H) x 2520 (V)
Number of Effective Pixels
3320 (H) x 2496 (V)
Number of Active Pixels
3296 (H) x 2472 (V)
Pixel Size
5.5 mm (H) x 5.5 mm (V)
Active Image Size
18.13 mm (H) x 13.60 mm (V)
22.66 mm (diag), 4/3” optical format
Aspect Ratio
4:3
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 electrons
Output Sensitivity
35 mV/e
Quantum Efficiency
Pan (−ABA, −QBA)
R, G, B (−FBA, −QBA)
48%, 12%, 5% (535, 850, 920 nm)
42%, 41%, 38% (615, 535, 460 nm)
Read Noise (f = 40 MHz)
10 e
Dark Current
Photodiode / VCCD
1 / 70 electrons/s
Dark Current Doubling Temp.
Photodiode / VCCD
7°C / 9°C
Dynamic Range
66 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 300 X
Smear
−100 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rates
Quad / Dual / Single Output
16 / 8 / 4 fps
Package
68 pin PGA
Cover Glass
AR coated, 2 Sides or Clear Glass
NOTE: All parameters are specified at T = 40°C unless otherwise noted.
www.onsemi.com
Figure 1. KAI−08052 CCD Image Sensor
Features
Increased QE, with 2x Improvement
at 820 nm
Bayer Color, Sparse Color,
and Monochrome Configurations
Progressive Scan Readout
Flexible Readout Architecture
High Sensitivity, Low Noise Architecture
Excellent Smear Performance
Applications
Scientific and Medical Imaging
Intelligent Transportation Systems
Machine Vision
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


同様の部品番号 - KAI-08052

メーカー部品番号データシート部品情報
logo
ON Semiconductor
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050 ONSEMI-KAI-08050 Datasheet
622Kb / 31P
Interline CCD Image Sensor
September, 2016 ??Rev. 8
KAI-08050-AAA-JP-AE ONSEMI-KAI-08050-AAA-JP-AE Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050-AAA-JP-BA ONSEMI-KAI-08050-AAA-JP-BA Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050-ABA-JD-AE ONSEMI-KAI-08050-ABA-JD-AE Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
More results

同様の説明 - KAI-08052

メーカー部品番号データシート部品情報
logo
ON Semiconductor
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-04070 ONSEMI-KAI-04070 Datasheet
1Mb / 50P
INTERLINE CCD IMAGE SENSOR
July, 2015 ??Rev. 3
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE02150 ONSEMI-KAE02150_16 Datasheet
817Kb / 40P
Interline CCD Image Sensor
February, 2016 ??Rev. 2
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com