データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
22
7.6 Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), and each bit is latched-in on the
rising edge of SCLK. Then the memory content at that address is shifted out on SO, each bit being shifted out, at a Max
frequency fR, during the falling edge of SCLK. The first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out. The whole memory can, therefore, be read
with a single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase, Program or
Write cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure6. Read Data Bytes Sequence Diagram
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2
7.7 Read Data Bytes at Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by a 3-byte
address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK. Then the memory content,
at that address, is shifted out on SO, each bit being shifted out, at a Max frequency fC, during the falling edge of SCLK. The
first byte addressed can be at any location. The address is automatically incremented to the next higher address after each
byte of data is shifted out.
Figure7. Read Data Bytes at Higher Speed Sequence Diagram
Command
0
1
2
3
4
5
6
7
0BH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com