データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25LB64C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
3
7.32
BURST READ WITH WRAP (0CH)
...................................................................................................................... 51
7.33
ENABLE QPI (38H)
........................................................................................................................................... 51
7.34
DISABLE QPI (FFH)
.......................................................................................................................................... 52
7.35
ENABLE RESET (66H) AND RESET (99H)
......................................................................................................... 53
7.36
READ SERIAL FLASH DISCOVERABLE PARAMETER (5AH)
............................................................................... 54
8.
ELECTRICAL CHARACTERISTICS
..............................................................................................................59
8.1
POWER-ON TIMING
...................................................................................................................................... 59
8.2
INITIAL DELIVERY STATE
........................................................................................................................... 59
8.3
ABSOLUTE MAXIMUM RATINGS
............................................................................................................... 59
8.4
CAPACITANCE MEASUREMENT CONDITIONS
..................................................................................... 60
8.5
DC CHARACTERISTICS
............................................................................................................................... 61
8.6
AC CHARACTERISTICS
............................................................................................................................... 62
9.
ORDERING INFORMATION
............................................................................................................................64
9.1
VALID PART NUMBERS
...................................................................................................................................... 65
10.
PACKAGE INFORMATION
.........................................................................................................................66
10.1
PACKAGE SOP8 208MIL
.................................................................................................................................. 66
10.2
PACKAGE VSOP8 208MIL
............................................................................................................................... 67
10.3
PACKAGE WSON8 (6*5MM)
............................................................................................................................. 67
11.
REVISION HISTORY
....................................................................................................................................69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com