データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
41
7.23 Read Manufacture ID/ Device ID Dual I/O (92H)
The Read Manufacturer/Device ID Dual I/O command is an alternative to the Release from Power-Down / Device ID
command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by dual I/O.
The command is initiated by driving the CS# pin low and shifting the command code “92H” followed by a 24-bit
address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the falling edge of
SCLK with most significant bit (MSB) first as shown in Figure25. If the 24-bit address is initially set to 000001H, the Device
ID will be read first.
Figure25. Read Manufacture ID/ Device ID Dual I/O Sequence Diagram
Command
0
1
2
3
4
5
6
7
92H
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11 12 13 14 15
6
4
2
0
6
4
2
0
16 17 18 19 20 21 22 23
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
A23-16
A15-8
A7-0
M7-0
CS#
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
SI(IO0)
SO(IO1)
6
4
2
0
6
4
2
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
SCLK
MFR ID
Device ID
40 41 42 43
6
4
2
0
7
5
3
1
44 45 46 47
6
4
2
0
7
5
3
1
MFR ID
(Repeat)
Device ID
(Repeat)
MFR ID
(Repeat)
Device ID
(Repeat)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com