データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
10
Table1a. GD25LB64C Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
ALL
000000H-7FFFFFH
ALL
ALL
0
0
0
0
1
0 to 125
000000H-7DFFFFH
8064KB
Lower 63/64
0
0
0
1
0
0 to 123
000000H-7BFFFFH
7936KB
Lower 31/32
0
0
0
1
1
0 to 119
000000H-77FFFFH
7680KB
Lower 15/16
0
0
1
0
0
0 to 111
000000H-6FFFFFH
7MB
Lower 7/8
0
0
1
0
1
0 to 95
000000H-5FFFFFH
6MB
Lower 3/4
0
0
1
1
0
0 to 63
000000H-3FFFFFH
4MB
Lower 1/2
0
1
0
0
1
2 to 127
020000H-7FFFFFH
8064KB
Upper 63/64
0
1
0
1
0
4 to 127
040000H-7FFFFFH
7936KB
Upper 31/32
0
1
0
1
1
8 to 127
080000H-7FFFFFH
7680KB
Upper 15/16
0
1
1
0
0
16 to 127
100000H-7FFFFFH
7MB
Upper 7/8
0
1
1
0
1
32 to 127
200000H-7FFFFFH
6MB
Upper 3/4
0
1
1
1
0
64 to 127
400000H-7FFFFFH
4MB
Upper 1/2
X
X
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 127
000000H-7FEFFFH
8188KB
L-2047/2048
1
0
0
1
0
0 to 127
000000H-7FDFFFH
8184KB
L-1023/1024
1
0
0
1
1
0 to 127
000000H-7FBFFFH
8176KB
L-511/512
1
0
1
0
X
0 to 127
000000H-7F7FFFH
8160KB
L-255/256
1
0
1
1
0
0 to 127
000000H-7F7FFFH
8160KB
L-255/256
1
1
0
0
1
0 to 127
001000H-7FFFFFH
8188KB
U-2047/2048
1
1
0
1
0
0 to 127
002000H-7FFFFFH
8184KB
U-1023/1024
1
1
0
1
1
0 to 127
004000H-7FFFFFH
8176KB
U-511/512
1
1
1
0
X
0 to 127
008000H-7FFFFFH
8160KB
U-255/256
1
1
1
1
0
0 to 127
008000H-7FFFFFH
8160KB
U-255/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com