データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
33
7.16 Sector Erase (SE) (20H)
The Sector Erase (SE) command is erased the all data of the chosen sector. A Write Enable (WREN) command must
previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase (SE) command is entered by
driving CS# low, followed by the command code, and 3-address byte on SI. Any address inside the sector is a valid
address for the Sector Erase (SE) command. CS# must be driven low for the entire duration of the sequence.
The Sector Erase command sequence: CS# goes low  sending Sector Erase command  3-byte address on SI 
CS# goes high. The command sequence is shown in Figure17. CS# must be driven high after the eighth bit of the last
address byte has been latched in; otherwise the Sector Erase (SE) command is not executed. As soon as CS# is driven
high, the self-timed Sector Erase cycle (whose duration is tSE) is initiated. While the Sector Erase cycle is in progress, the
Status Register may be read to check the value of the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1
during the self-timed Sector Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset. A Sector Erase (SE) command applied to a sector which is protected
by the Block Protect (BP4, BP3, BP2, BP1, and BP0) bit (see Table1&1a) is not executed.
Figure17. Sector Erase Sequence Diagram
Command
0
1
2
3
4
5
6
7
20H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22
Figure17a. Sector Erase Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
20H
20
12
16
8
A23-16 A12-8
6
7
0
21
13
17
9
1
23
15
19
11
3
22
14
18
10
2
4
5
6
7
A7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com