データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
30
7.14 Page Program (PP) (02H)
The Page Program (PP) command is for programming the memory. A Write Enable (WREN) command must
previously have been executed to set the Write Enable Latch (WEL) bit before sending the Page Program command.
The Page Program (PP) command is entered by driving CS# Low, followed by the command code, three address
bytes and at least one data byte on SI. If the 8 least significant address bits (A7-A0) are not all zero, all transmitted data
that goes beyond the end of the current page are programmed from the start address of the same page (from the address
whose 8 least significant bits (A7-A0) are all zero). CS# must be driven low for the entire duration of the sequence. The
Page Program command sequence: CS# goes low  sending Page Program command  3-byte address on SI  at least
1 byte data on SI  CS# goes high. The command sequence is shown in Figure15. If more than 256 bytes are sent to the
device, previously latched data are discarded and the last 256 data bytes are guaranteed to be programmed correctly
within the same page. If less than 256 data bytes are sent to device, they are correctly programmed at the requested
addresses without having any effects on the other bytes of the same page. CS# must be driven high after the eighth bit of
the last data byte has been latched in; otherwise the Page Program (PP) command is not executed.
As soon as CS# is driven high, the self-timed Page Program cycle (whose duration is tPP) is initiated. While the Page
Program cycle is in progress, the Status Register may be read to check the value of the Write in Progress (WIP) bit. The
Write in Progress (WIP) bit is 1 during the self-timed Page Program cycle, and is 0 when it is completed. At some
unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Page Program (PP) command applied to a page which is protected by the Block Protect (BP4, BP3, BP2, BP1, and
BP0) is not executed.
Figure15. Page Program Sequence Diagram
Command
0
1
2
3
4
5
6
7
02H
CS#
SCLK
SI
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
6
5
4
3
2
1
0
7
CS#
SCLK
SI
MSB
Data Byte 2
32 33 34 35
7
6
5
4
3
2
1
0
MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
36 37 38 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com