データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
24
7.9 Quad Output Fast Read (6BH)
The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each bit being
latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO3, IO2, IO1
and IO0. The command sequence is shown in followed Figure10. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Figure10. Quad Output Fast Read Sequence Diagram
7.10 Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the capability to input
the 3-byte address (A23-0) and a
“Continuous Read Mode” byte 2-bit per clock by SI and SO, each bit being latched in
during the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle from SI and SO. The
command sequence is shown in followed Figure11. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out.
Dual I/O Fast Read with
“Continuous Read Mode”
The Dual I/O Fast Read command can further reduce command overhead through setting the
“Continuous Read
Mode
” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4) = (1, 0), then the next
Dual I/O Fast Read command (after CS# is raised and then lowered) does not require the BBH command code. The
command sequence is shown in followed Figure11. If the
“Continuous Read Mode” bits (M5-4) do not equal (1, 0), the next
command requires the first BBH command code, thus returning to normal operation. A
“Continuous Read Mode” Reset
command can be used to reset (M5-4) before issuing normal command.
Command
0
1
2
3
4
5
6
7
6BH
CS#
SCLK
IO0
IO1
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
34 35 36 37
33
1
5
1
5
1
5
1
38 39
Byte1
32
42 43 44 45
41
46 47
40
5
Dummy Clocks
0
4
0
4
0
4
0
4
4
5
IO2
High-Z
IO3
High-Z
CS#
SCLK
IO0
IO1
2
6
2
6
2
6
2
6
6
3
7
3
7
3
7
3
7
7
Byte2 Byte3 Byte4
IO2
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com