データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
59
8. ELECTRICAL CHARACTERISTICS
8.1 POWER-ON TIMING
Figure40. Power-on Timing
Vcc(max)
Vcc(min)
VWI
tVSL
Chip Selection is not allowed
Device is fully
accessible
Time
Table6. Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min
Max
Unit
tVSL
VCC (min) To CS# Low
1.8
ms
VWI
Write Inhibit Voltage
1
1.4
V
8.2 INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH).The Status Register
contains 00H (all Status Register bits are 0).
8.3 ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
℃
Storage Temperature
-65 to 150
℃
Transient Input/Output Voltage (note: overshoot)
-2.0 to VCC+2.0
V
Applied Input/Output Voltage
-0.6 to VCC+0.4
V
VCC
-0.6 to 2.5
V
Figure41. Input Test Waveform and Measurement Level
Vss
20ns
Maximum Negative Overshoot Waveform
Maximum Positive Overshoot Waveform
20ns
20ns
Vss-2.0V
Vcc
20ns
20ns
20ns
Vcc + 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com