データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
36
7.19 Chip Erase (CE) (60/C7H)
The Chip Erase (CE) command is erased the all data of the chip. A Write Enable (WREN) command must previously
have been executed to set the Write Enable Latch (WEL) bit .The Chip Erase (CE) command is entered by driving CS#
Low, followed by the command code on Serial Data Input (SI). CS# must be driven Low for the entire duration of the
sequence.
The Chip Erase command sequence: CS# goes low  sending Chip Erase command  CS# goes high. The
command sequence is shown in Figure20. CS# must be driven high after the eighth bit of the command code has been
latched in; otherwise the Chip Erase command is not executed. As soon as CS# is driven high, the self-timed Chip Erase
cycle (whose duration is tCE) is initiated. While the Chip Erase cycle is in progress, the Status Register may be read to
check the value of the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Chip Erase
cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL)
bit is reset. The Chip Erase (CE) command is executed if the Block Protect (BP2, BP1, and BP0) bits are 0 and CMP=0 or
the Block Protect (BP2, BP1, and BP0) bits are 1 and CMP=1. The Chip Erase (CE) command is ignored if one or more
sectors are protected.
Figure20. Chip Erase Sequence Diagram
Command
0
1
2
3
4
5
6
7
60H or C7H
CS#
SCLK
SI
Figure20a. Chip Erase Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Instruction
C7H/60H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com