データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
69
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
---
2014-6-17
1.1
Modify Package WSON 8 (6*5mm)
---
2015-6-16
1.2
Modify Package VSOP8 208MIL
---
2015-7-14
1.3
Modify AC CHARACTERISTICS
Modify POWER-ON TIMING
---
2015-11-9
1.4
Modify POWER-ON TIMING
---
2016-1-6
1.5
Add
“Page” column to the Revision History
Modify tw max. value from 35ms to 45ms
Modify Input Pause Voltage from “0.2VCC to 0.8VCC” to “0.1VCC
to 0.8VCC”
Modify Input Timing Reference Voltage from “0.3VCC to 0.7VCC”
to “0.2VCC to 0.7VCC”
Modify Icc4-Icc7 max value from 10mA to 20mA
Add Icc8 in DC CHARACTERISTICS, of which the max. value is
20mA
Modify VIL from 0.3VCC to 0.2VCC
Delete tRST_R and tRST_P
Add tRST, of which the max. value is 30us
Modify Icc2 max value from 5uA to 8uA
P67
P60
P58
P58
P59
P59
P59
P60
P60
P59
2017-11-13
1.6
Modify tVSL min value from 5ms to 1.8ms
Modify fc1 from 133MHz to 120MHz
Add fc2, of which the max value is 104HMz
Add tRS, of which the min value is 100us
Update the description of all packages
P57
P60
P60
P60
P64-66
2018-4-12
1.7
Add 4BH command
Modify the sequence diagram of 42H command
P46
P48
2018-9-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com