データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64C データシート(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C データシート(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
13
7. COMMANDS DESCRIPTION
All commands, addresses and data are shifted in and out of the device, beginning with the most significant bit on the
first rising edge of SCLK after CS# is driven low. Then, the one-byte command code must be shifted in to the device, with
most significant bit first on SI, and each bit being latched on the rising edges of SCLK.
See Table2, every command sequence starts with a one-byte command code. Depending on the command, this
might be followed by address bytes, or by data bytes, or by both or none. CS# must be driven high after the last bit of the
command sequence has been completed in. For the command of Read, Fast Read, Read Status Register or Release from
Deep Power-Down, and Read Device ID, the shifted-in command sequence is followed by a data-out sequence. All read
instruction can be completed after any bit of the data-out sequence is being shifted out, and then CS# must be driven high
to return to deselected status.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write Enable,
Write Disable or Deep Power-Down command, CS# must be driven high exactly at a byte boundary, otherwise the
command is rejected, and is not executed. That is CS# must be driven high when the number of clock pulses after CS#
being driven low is an exact multiple of eight. For Page Program, if at any time the input byte is not a full byte, nothing will
happen and WEL will not be reset.
Table2. Commands (Standard/Dual/Quad SPI)
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06H
Write Disable
04H
Volatile SR
Write Enable
50H
Read Status Register
05H
(S7-S0)
(continuous)
Read Status Register-1
35H
(S15-S8)
(continuous)
Write Status Register
01H
S7-S0
S15-S8
Read Data
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
(continuous)
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Dual Output
Fast Read
3BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1)
(continuous)
Dual I/O
Fast Read
BBH
A23-A8(2)
A7-A0
M7-M0(2)
(D7-D0)(1)
(continuous)
Quad Output
Fast Read
6BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(3)
(continuous)
Quad I/O
Fast Read
EBH
A23-A0
M7-M0(4)
dummy(5)
(D7-D0)(3)
(continuous)
Quad I/O Word
Fast Read(7)
E7H
A23-A0
M7-M0(4)
dummy(6)
(D7-D0)(3)
(continuous)
Page Program
02H
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
Quad Page Program
32H
A23-A16
A15-A8
A7-A0
D7-D0
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase(32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase(64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Enable QPI
38H
Enable Reset
66H
Reset
99H
Set Burst with Wrap
77H
W6-W4
Program/Erase
Suspend
75H
Program/Erase Resume
7AH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com