データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EN80C3RMSBY データシート(PDF) 70 Page - STMicroelectronics

部品番号 SPC58EN80C3RMSBY
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EN80C3RMSBY データシート(HTML) 70 Page - STMicroelectronics

Back Button SPC58EN80C3RMSBY Datasheet HTML 66Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 67Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 68Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 69Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 70Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 71Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 72Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 73Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
70/158
DS11734 Rev 6
3.12.5
SD ADC filter modes
Table 28 describes the 4 SD ADC filter modes which are controlled by bits BANDSEL, FSEL
and EXTFILTER of the Module Configuration Register (MCR). For details, refer to the
SPC58xNx Reference Manual.
In normal/default mode, modified bandwidth mode and bypass FIR mode, the output values
are not normalized by hardware. To apply normalization by software Table 29 lists the digital
output codes in these modes when input signal is full range.
14. SNR value guaranteed only if external noise on the ADC input pin is attenuated by the required SNR value in the frequency
range of fADCD_M - fADCD_S to fADCD_M + fADCD_S, where fADCD_M is the input sampling frequency, and fADCD_S is the
output sample frequency. A proper external input filter should be used to remove any interfering signals in this frequency
range.
15. The ±1% passband ripple specification is equivalent to 20 * log10 (0.99) = 0.087 dB.
16. For details, refer to Section 3.12.5: SD ADC filter modes.
17. Propagation of the information from the pin to the register CDR[CDATA] and flags SFR[DFEF], SFR[DFFF] is given by the
different modules that need to be crossed: delta/sigma filters, high pass filter, fifo module, clock domain synchronizers. The
time elapsed between data availability at pin and internal S/D module registers is given by the below formula:
REGISTER LATENCY = tLATENCY + 0.5/fADCD_S + 2 (~+1)/fADCD_M + 2(~+1)fPBRIDGEx_CLK where fADCD_S is the frequency
of the sampling clock, fADCD_M is the frequency of the modulator, and fPBRIDGEx_CLK is the frequency of the peripheral
bridge clock feeds to the ADC S/D module. The (~+1) symbol refers to the number of clock cycles uncertainty (from 0 to 1
clock cycle) to be added due to resynchronization of the signal during clock domain crossing. Some further latency may be
added by the target module (core, DMA, interrupt) controller to process the data received from the ADC S/D module.
18. This capacitance does not include pin capacitance, that can be considered together with external capacitance, before
sampling switch.
19. Consumption is given after power-up, when steady state is reached. Extra consumption up to 2 mA may be required during
internal circuitry set-up.
Table 28. Filter modes
BANDSEL
FSEL
EXTFILTER
Filter Mode
0
0
0
Normal/Default mode
1
0
0
Modified bandwidth mode
X
1
0
Bypass FIR mode
X
X
1
External filter mode
Table 29. Digital output codes in full scale
OSR
MCR[FSEL] = 1
MCR[GECEN] = 1
MCR[FSEL] = 0
MCR[BANDSEL] = 0
MCR[GECEN] = 1
MCR[FSEL] = 0
MCR[BANDSEL] = 1
MCR[GECEN] = 1
24
29160
31081
31095
28
29157
31077
31092
32
29158
31079
31093
36
29155
31075
31090
40
29109
31026
31042
44
29121
31040
31054
48
29160
31081
31095
56
29157
31077
31092



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com