データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 128 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 128 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 124Page - STMicroelectronics L9908_V01 Datasheet HTML 125Page - STMicroelectronics L9908_V01 Datasheet HTML 126Page - STMicroelectronics L9908_V01 Datasheet HTML 127Page - STMicroelectronics L9908_V01 Datasheet HTML 128Page - STMicroelectronics L9908_V01 Datasheet HTML 129Page - STMicroelectronics L9908_V01 Datasheet HTML 130Page - STMicroelectronics L9908_V01 Datasheet HTML 131Page - STMicroelectronics L9908_V01 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 152 page
background image
Register
name
Address
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
SLR
11: 1.5 μs
Table 139. CH3_CFG2
Register name Address
Field name
Type Bit offset Bit width Reset value Reset
CH3_CFG2
0x33
UNUSED
RW
11
5
0x0
B
SLR
CSM3_SYNC_COUNT_CFG
00: 16Tclk (Default)
01: 24Tclk
10: 32Tclk
11: 40Tclk
RW
9
2
0x0
B
UNUSED_0
RW
8
1
0x0
B
CSM3_SAMPLE_CFG
000: Free running–No T&H (Default)
001: T&H 1st data conversion from triggering
010: T&H 2nd data conversion from triggering
011: T&H 3rd data conversion from triggering
100: T&H 4th data conversion from triggering
101: T&H 5th data conversion from triggering
110: T&H 6th data conversion from triggering
111: T&H 7th data conversion from triggering
RW
5
3
0x0
B
CSM3_IN_RANGE_CFG
000: VIN_MAX = ±7 mV
001: VIN _MAX = ±18 mV
010: VIN _MAX = ±36 mV
011: VIN_MAX = ±90 mV
100: VIN_MAX = ±160 mV
101: VIN_MAX = ±300 mV (Default)
110: Reserved
111: Reserved
RW
2
3
0x5
B
CSM3_OFS
00: 0LSB DAC
01: 90LSB DAC
10: 1024LSB DAC
11: 1024LSB DAC (Default)
RW
0
2
0x3
B
0
0
0
0
0
0
Table 140. CH3_CFG3
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
CH3_CFG3
0x34
UNUSED_3
RW
15
1
0x0
B
NSR
UNUSED_2
RW
14
1
0x0
B
UNUSED_1
RW
13
1
0x0
B
UNUSED_0
RW
12
1
0x0
B
ACT3_EN
RW
11
1
0x0
B
L9908
Functional description
DS13546 - Rev 5
page 128/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com