| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 61 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 61 Page - PANDUIT CORP. |
|
61 / 116 page ![]() Pipe Markers | ID Tags & Pipe Markers 59 Color Banding Pipe Marking Tapes Directional Flow Arrow Tapes Provide 360° visibility for flow direction, with repeated arrows on the tape’s length. • 0.006" self-adhesive vinyl • Available in 1", 2" and 4" widths • 54-ft. and 108-ft. rolls Part No. Size UOM Part No. Size UOM PPMR1X54 1" x 54-ft. Roll PPMR1X108 1" x 108-ft. Roll PPMR2X54 2" x 54-ft. PPMR2X108 2" x 108-ft. PPMR4X54 4" x 54-ft. PPMR4X108 4" x 108-ft. To Order: Add color code after part number. Example: Part No. PPMR1X54 + Color Code BY = PPMR1X54BY To Order: Add color code after part number. Example: Part No. PFM1X36 + Color Code YEL = PFM1X36YEL Part No. Size UOM PFM1X36 1" x 108-ft. Roll PFM2X36 2" x 108-ft. PFM3X36 3" x 108-ft. Variety of colors are ideal for coding pipes. • 0.005" tapes with self-adhesive back, no liner • Service temperature range -20° to 140°F • Available in 1", 2" and 3" widths • 108-ft. rolls Available colors with color code: Black/Yellow – BY, Green/White – GW, Blue/White – BLW, Red/White – RW, Black/Orange – BO, White/Brown – WBR Available colors with color code: Red – RED, Green – GRN, Blue – BLU, Gray – GRY, Brown – BRN, Black – BLK, Yellow – YEL, Orange – ORN, White – WHT, Purple – PUR Meets ASME A13.1, 3.1 Part No. Legend 1523 1525 1527 1529 1531 1533 1535 1537 1539 1541 1543 1545 1547 1549 1551 1553 1557 1559 Part No. Legend 1561 1563 1565 1567 1569 1571 1573 1575 1577 1579 1581 1583 1585 1587 1589 1591 1593 1595 Part No. Legend 1597 1599 1601 1603 1605 1607 1609 1611 1613 1615 1617 1619 1621 1623 1625 1627 1629 1631 Part No. Legend 1633 1635 1637 1639 1641 1643 1645 1647 1649 1651 1653 1657 1659 1661 1663 1665 1667 1669 How to Order Pipe Markers: Select Material Code: Self Stick – PPMA 1 Select Pipe Marker Base Part Number: 1523 2 Select Size Code: 3/4" to 1 1/4" – A 3 Combine Codes in Specific Order for Complete Part Number: PPMA1523A 4 Size Code Pipe Diameter Marker Size UOM A 3/4" to 1 1/4" 1" x 8" Each B 1 1/2" to 2" 1 1/2" x 8" D 2 1/2" to 6" 2 1/2" x 12" H 8" to 10" 4" x 24" Self Stick (PPMA) Size Code Pipe Diameter Marker Size UOM A 3/4" to 1 1/4" 6" x 8" Each B 1 1/2" to 2" 9" x 8" C 2 1/4" to 3" 14" x 12" E 3 1/4" to 5" 19" x 12"* F 5 1/4" to 6" 25" x 12"* *Have self-adhesive leading edge for secure fit Snap On Pipe Markers (PPMS) 800.777.3300 | Panduit.com |