| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 63 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 63 Page - PANDUIT CORP. |
|
63 / 116 page ![]() Specialty Pipe Markers | ID Tags & Pipe Markers 61 IIAR Ammonia Pipe Markers Duct Markers Medical Gas Pipe Markers Meets IIAR guidelines for proper pipe marking as specified in Bulletin No. 114. Identify Ammonia refrigeration piping and system components. • 0.004" flexible vinyl, self-sticking markers have high-tack adhesive backed with liner • One legend with directional flow arrows on each end to cut off for proper placement • Glossy UV-resistant surface withstands dust, dirt and grease • Service temperature range is -20° to 176°F • Install onto clean smooth pipe surface Size Code Pipe Diameter Marker Size UOM A 3/4" x 1 1/4" 1" x 11" Each B 1 1/2" x 2" 1 1/2" x 15 7/8" C 2 1/2" x 6" 2 1/2" x 23 5/8" D 8" x 10" 3 1/2" x 33 1/2" To Order: Add size code after part number. Example: Part No. PPMA3001 + Size Code A = PPMA3001A Self Stick Part No. System System Abbreviation Physical State Pressure Level PPMA3001 Booster Discharge BD VAP LOW PPMA3002 Condenser Drain CD LIQ HIGH PPMA3003 Defrost Condensate DC LIQ PPMA3004 Hot Gas HG VAP HIGH PPMA3005 Hot Gas Defrost HGD PPMA3006 High Pressure Liquid HPL LIQ HIGH PPMA3007 High Stage Discharge HSD VAP HIGH PPMA3008 High Stage Suction HSS LOW PPMA3009 High Temperature Recirculated Liquid HTRL LIQ LOW PPMA3010 High Temperature Recirculated Suction HTRS LIQ/VAP PPMA3011 Liquid Injection Cooling LIC LIQ HIGH PPMA3012 Low Stage Suction LSS VAP LOW PPMA3013 Low Temperature Recirculated Liquid LTRL LIQ PPMA3014 Low Temperature Recirculated Suction LTRS LIQ/VAP PPMA3015 Low Temperature Suction LTS VAP PPMA3016 Relief Vent RV — — Mark air flow and its equipment purpose in duct work systems. • Single legend printed on poly overlaminated self-stick vinyl • High-tack adhesive back • Available in two sizes Identify the contents of medical gas piping systems. • 0.004" gloss vinyl, 3" x 3" marker with legend repeated five times, upright and upside-down for universal fit and visibility • Adhesive backed and peel-off liner • Adhere to pipes up to 3/4" OD size • Service temperature is -20° to 140°F • 20 markers per package Part No. Legend PPMA4001 PPMA4002 PPMA4012 EVAC PPMA4003 PPMA4010 INSTRUMENT AIR PPMA4013 PPMA4004 PPMA4005 Part No. Legend PPMA4006 PPMA4007 PPMA4008 PPMA4009 PPMA4011 WAGD Size Std. Pkg. Qty. 3" x 3" 20 Part No. Legend PPMA41 EXHAUST PPMA42 EXHAUST AIR PPMA43 INTAKE AIR PPMA44 OUTSIDE AIR Size Code Pipe Diameter Marker Size Arrow Size Letter Height UOM D Up to 6" 2 1/2" x 12" 2 1/2" x 2 1/2" 1 1/4" Each H Up to 10" 4" x 24" 4" x 4" 2 1/2" Available colors with color code: Black/Yellow – BY, White/Green – WG, White/Blue – WBL To Order: Add color code, then size code after part number. Example: Part No. PPMA41 + Color Code BY + Size Code D = PPMA41BYD Part No. Legend PPMA45 RELIEF PPMA46 RELIEF AIR PPMA47 RETURN AIR PPMA48 SUPPLY AIR Meets NFPA 99C-Section 4-3.5.4.1. and CGA Pamphlet C-9 Section 4.1 color requirements 800.777.3300 | Panduit.com |