データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FOC データシート(PDF) 99 Page - PANDUIT CORP.

部品番号 PCV-FOC
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FOC データシート(HTML) 99 Page - PANDUIT CORP.

Back Button PCV-FOC Datasheet HTML 95Page - PANDUIT CORP. PCV-FOC Datasheet HTML 96Page - PANDUIT CORP. PCV-FOC Datasheet HTML 97Page - PANDUIT CORP. PCV-FOC Datasheet HTML 98Page - PANDUIT CORP. PCV-FOC Datasheet HTML 99Page - PANDUIT CORP. PCV-FOC Datasheet HTML 100Page - PANDUIT CORP. PCV-FOC Datasheet HTML 101Page - PANDUIT CORP. PCV-FOC Datasheet HTML 102Page - PANDUIT CORP. PCV-FOC Datasheet HTML 103Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 116 page
background image
Floor Tapes | Floor Signs & Tapes
97
Floor Label Frame System
Textured Marking Tapes
High Performance Marking Tapes
Heavy-duty composite tape outperforms standard floor marking tapes.
Printed 0.002" polyester tape with 2-mil gloss overlaminate provides superior durability
for industrial facility and high plant traffic.
Place and protect message, barcode and other identification on
the floor in a sturdy frame system.
Metal frame mounts directly to the floor with four concrete screws (included) and
contains a clear protective cover to protect your label (not included) underneath.
Beveled edges prevent damage from rollover of pallet jacks and forklift vehicles.
Clear
protective
cover
Concrete
Screws
Label
frame
Your Label
Small Part No.
Large Part No.
Std. Pkg. Qty.
UOM
PBB0085
PBB0086
Each
Each
PBB0081
PFM0001
10
Pkg.
PBB0083
PFM0002
25
PBB0084
PFM0003
50
PBB0082
PFM0004
100
PFM0268
RESTRICTED
AREA
RESTRICTED
AREA
PFM0267
PFM0266
PFM0271
PFM0270
PFM0269
To Order Solid Color Tapes: Add color code after part number: Red – RED,
Orange – ORN, Yellow – YEL, Green – GRN, Blue – BLU, White – WHT, Black – BLK.
Example: Part No. PFMH2X100 + Color Code BLK = PFMH2X100BLK
Part No.
Size
UOM
PFMH2X100
2"W x 100-ft.
Roll
PFMH3X100
3"W x 100-ft.
Size
UOM
3"W x 50-ft.
Roll
• High-gloss surface resists
marks and smudges
• Resistant to abrasions,
water, chemicals and heat
• High tack, acrylic adhesive
back minimizes peel or lift
• Applies to clean, non-
coated, smooth or rough
surfaces, including concrete
• Low-profile reduces tears
and scratches from skids
and pallet jacks
• Removes easily without
leaving residue or damage
to the floor
• Minimum application
temperature: 50°F
• Available in solid colors or
with messages
Low-profile grip vinyl
tapes are ideal for
indoor/outdoor and wet
or dry environments.
• Reinforced vinyl with
weather-proof adhesive
system
• Slip-resistant, mild
abrasive surface
• Install on smooth, clean
and dry surfaces
• Low level reflectivity
• 3"W x 108-ft. long rolls
• Service temperature
range: 0° to 150°F
To Order: Add color code after part number:
Red – RED, Blue – BLU, Yellow – YEL,
White – WHT, Green – GRN.
Example: Part No. PFMT3X36 + Color Code YEL = PFMT3X36YEL
Part No.
UOM
PFMT3X36
Roll
Small size:
• 8 1/2" x 5 1/2" x 1/8" all-aluminum oval frame
• 3 1/2" x 5" x 0.063" clear visible protective polycarbonate cover
Large size:
• 12" x 7 1/2" x 1/8" all-aluminum oval frame
• 5" x 7" x 0.063" clear visible protective polycarbonate cover
Message Tapes
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com