データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FOC データシート(PDF) 94 Page - PANDUIT CORP.

部品番号 PCV-FOC
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FOC データシート(HTML) 94 Page - PANDUIT CORP.

Back Button PCV-FOC Datasheet HTML 90Page - PANDUIT CORP. PCV-FOC Datasheet HTML 91Page - PANDUIT CORP. PCV-FOC Datasheet HTML 92Page - PANDUIT CORP. PCV-FOC Datasheet HTML 93Page - PANDUIT CORP. PCV-FOC Datasheet HTML 94Page - PANDUIT CORP. PCV-FOC Datasheet HTML 95Page - PANDUIT CORP. PCV-FOC Datasheet HTML 96Page - PANDUIT CORP. PCV-FOC Datasheet HTML 97Page - PANDUIT CORP. PCV-FOC Datasheet HTML 98Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
92
Traffic Signs | Traffic Accessories
Non-Regulatory Traffic Signs
STOP
12" x 12" 18" x 18" 24" x 24
B4472
12" x 12"
18" x 18"
B4939
12" x 12"
18" x 18"
B4933
12" x 12" 18" x 18" 24" x 24
B4481
12" x 12"
18" x 18"
B4477
These signs are on non-reflective material. Intended for indoor or non-public roadway use.
Speed Bump Signs
18" x 12"
PTS167
18" x 12"
PTS168
18" x 12"
PTS157
24" x 24"
PTS159
30" x 30"
PTS158
Security Stop Safety Signs
12" x 12"
B4221
12" x 12"
B4203
12" x 12"
B4209
12" x 12"
B4219
12" x 12"
B4201
Engineer-Grade Prismatic – Good choice for added visibility in low-light conditions
Available Sizes Codes
12" x 12"
1212
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each) PLVS
Select Size Code:
1212
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS1212B4201
4
Select Sign Base Part Number:
B4201
3
Available Sizes Codes
12" x 12"
1212
18" x 18"
1818
24" x 24"
2424
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each) PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
Select Size Code:
1212
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS1212B4481
4
Select Sign Base Part Number:
B4481
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More