| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 11 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 11 Page - PANDUIT CORP. |
|
11 / 116 page ![]() Safety Signs & Labels 9 800.777.3300 | Panduit.com Glow-in-the-Dark UL Exit Signs Normal lighting Blackout The Next Generation in Technology UL glow exit signs store energy from virtually any artificial light source. When properly charged, UL glow signs will glow for over six hours in the event of a blackout. Low-profile, non-radioactive signs can be used for both high-level and low-level applications, and require no electrical hook-up. • Recyclable • Energy-saving • Easy to install • Maintenance free, 25+ year life Meets The Following Standards: • Meets NFPA Life Safety Code 101 and OSHA requirements • Meets current Building Codes: IBC, ICBO, BOCA and SBCCI, NFPA 5000 • ICC ES report #ER-6040 • California State Fire Marshal listing #6200-1617; 100 • City of Los Angeles Research Report: RR 25531 (CSI #16530) • Ontario Building Materials Evaluation Commission • Authorization Report BMEC # 03-12-291 Steel Case Style • 50-ft. viewing distance • Glow-in-the-dark letters on your choice of three background colors • Photoluminescent panel is housed inside a durable steel casing • “Punch-out” directional arrows included • Surface, flag, or ceiling mount • Sign size: 8 1/4"H x 15 1/4"W x 1/4"D • Letter size: 7"H x 7/8" stroke Standard Letters Reflective Letters Plastic Case Style • 50-ft. viewing distance • Choose glow-in-the-dark letters on your choice of three background colors • Photoluminescent panel is housed inside a durable plastic casing • “Punch-out” directional arrows included • Surface, flag, or ceiling mount • Mounting hardware included • Sign size: 8 3/4"H x 15 3/8"W x 3/4"D • Letter size: 7"H x 7/8" stroke When ordering, specify case color: Red – RD, Green – GN, or Black – BK. When ordering, specify case color: Red – RD, Green – GN, or Black – BK. Part No. Description UOM PSSE020 Single-face Each PSSE023 Double-face Part No. Description UOM PSSE016 Standard Letters Each PSSE018 Reflective Letters When ordering, specify letter color: Red – RD, or Green – GN. One-Dimensional Plate Style • 50-ft. viewing distance • Colored letters on glow-in-the-dark background with optional black plastic frame • Choose standard or high visibility, reflective lettering in your choice of two colors • Durable, impact-resistant plastic with 4 corner mounting holes • “Punch-out” directional arrows included • Wall mount only • Sign size: 7 1/2"H x 13"W • Letter size: 6"H x 13/16" stroke Part No. Description UOM PSSE007 Single-face Each PSSE010 Single-face w/mounting brackets PSSE013 Double-face w/mounting brackets |