データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FOC データシート(PDF) 65 Page - PANDUIT CORP.

部品番号 PCV-FOC
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FOC データシート(HTML) 65 Page - PANDUIT CORP.

Back Button PCV-FOC Datasheet HTML 61Page - PANDUIT CORP. PCV-FOC Datasheet HTML 62Page - PANDUIT CORP. PCV-FOC Datasheet HTML 63Page - PANDUIT CORP. PCV-FOC Datasheet HTML 64Page - PANDUIT CORP. PCV-FOC Datasheet HTML 65Page - PANDUIT CORP. PCV-FOC Datasheet HTML 66Page - PANDUIT CORP. PCV-FOC Datasheet HTML 67Page - PANDUIT CORP. PCV-FOC Datasheet HTML 68Page - PANDUIT CORP. PCV-FOC Datasheet HTML 69Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
Circuit Breaker | Lockout / Tagout
63
Circuit Breaker Lockout System
OSHA (Occupational Safety and Health Administration) mandates that all energy sources be turned off and locked out to protect employees from injuries caused by the accidental
startup of equipment under repair and service. To support compliance with OSHA 1910.147, Panduit offers a complete line of high quality, Circuit Breaker Lockout Devices to ensure
that electrical energy sources are isolated for optimal work place safety. These Circuit Breaker Lockouts are part of an extensive line of innovative safety devices designed by Panduit
to protect employees from risks associated with all forms of hazardous energy, while meeting safety and regulatory requirements.
PowerLOK™ Circuit Breaker Lockout Devices
Universal & I-LINE
™ Circuit Breaker Lockout Devices
Part No.
Description
Std. Pkg. Qty.
PSL-PCB
PowerLOK™ circuit breaker lockout
1
PSL-PCB-V
5
PSL-PCBNT
PowerLOK™ “No Tool” circuit breaker lockout
1
PSL-PCBNT-V
5
Part No.
Description
Std. Pkg. Qty.
PSL-CB
Universal circuit breaker lockout
1
PSL-CB-V
5
PSL-CBNT
“
No Tool” Universal circuit breaker lockout
1
PSL-CBNT-V
5
PSL-CBIL
Circuit breaker lockout device for use with Square
D I-LINE™/Federal Pacific (FPE) circuit breakers
1
PSL-CBILNT
“No Tool” circuit breaker lockout for use with Square D
I-LINE™/Federal Pacific (FPE)
circuit breakers
PSL-CBKIT
Circuit breaker lockout kit
(1 each PSL-CBL, PSL-CBNT, PSL-CBILNT)
PSL-CB-3PC
(3) PSL-CB universal circuit breaker lockout
Panduit’s new PowerLOK™ Circuit
Breaker Lockout Devices include
many innovative features to provide a
versatile, easy to use lockout/tagout
device. These devices can be applied
to single or multi-pole circuit breakers
(such as 120/277V breakers) to
prevent the breaker from being turned
back on; for safe performance of
maintenance or service in accordance
with lockout/tagout procedures.
• Two metal contacts
• Fits single and multi-pole
circuit breakers
• Two-position padlock design
• Two-piece construction
• Quickly locks out circuit breakers (such as 120/277V breakers); ideal for industrial
and harsh applications
• PSL-CB and PSL-CBIL can be installed using a screwdriver
• PSL-CBNT and PSL-CBILNT can be installed by hand, with no tool required
PSL-PCB
Large Handle Circuit Breaker Lockout Device
Part No.
Description
Std.
Pkg.
Qty.
PSL-CBL
Large handle circuit breaker lockout
1
PSL-CBL-V
5
Lockout Warning Strip Label
Part No.
Description
Std.
Pkg.
Qty.
Std.
Pkg.
Ctn.
PSL-CBWL
0.54" x 4.84" (13.7mm x 122.9mm) warning label,
60 markers per book, red/white
1
10
Circuit Breaker Directory Sign
• Quickly locks out large molded-case circuit
breakers (such as 480/600V breakers)
• Can be installed by hand, with no tool required
Part No.
Description
Std. Pkg. Qty.
PES-S1
Circuit breaker directory sign, paper (adhesive),
13.00" x 5.50" (330.2mm x 139.7mm), 1 sign,
5 signs/pack, red/white
1
PSL-CBL
PSL-CBNT
PSL-PCBNT
Miniature Circuit Breaker Lockout Devices
Part No.
Description
Std. Pkg. Qty.
PSL-MCB
Universal miniature circuit breaker lockout
1
PSL-MCB-V
5
PSL-MCBNT
“
No Tool” miniature circuit breaker lockout
1
PSL-MCBNT-V
5
• Quickly locks out miniature circuit
breakers commonly used in industrial
automation and motor control
• On the PSL-MCBNT, multiple padlock
orientations allow adjacent circuit
breakers to be locked out individually
• PSL-MCB can be installed using
a screwdriver
• PSL-MCBNT can be installed by hand
with no tool required
PSL-MCB
PSL-MCBNT
PSL-CBILNT
I-LINE® is a registered trademark of Square D Company®.
800.777.3300 | Panduit.com
• Eliminate the guesswork when identifying power
sources – a must for lockout/tagout compliance
• Adhesive paper sign designed to provide clear
identification of circuit breaker connections, list up to 40
circuits plus add the part number to the index section
• Write-on area for adding your own warning message
• Made of vinyl cloth material that allows label to be
removed easily after repairs are completed
• Features the international prohibition symbol for “Do Not
Throw Switch”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More