| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 93 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 93 Page - PANDUIT CORP. |
|
93 / 116 page ![]() 91 Traffic Accessories | Traffic Signs To Order: Add material & size code after part number. Example: Part No. PTS009 + Material/Size Code V36 = PTS009V36 Steel U-Channel Posts Cast Iron Base and Steel Post Sign Mounting Brackets and Plate Everything you need to post-mount your sign. • Available in 2 colors, green or galvanized • Two lengths – 6-ft., 8-ft. • Hardware set (sold separately) includes – 2 bolts, 2 nuts, 4 washers Mount signs with stable post and weighted base that can be moved as needed. • Solid, heavyweight cast iron base available in 14" and 18" diameters • 1 7/8" outside diameter x 48"H steel post can accommodates sign sizes up to 24" x 24" • Sign mounting hardware included Fence Mount Brackets • Easily secure your sign to a chain link fence • Rust-proof aluminum with mounting holes to attach sign through fence spaces Sign Mounting Plate • Keep signs flat when mounting to U-Channel post • Includes adaptor ringbolt, washer, plate and hex nut • Two sets required per sign Optional wheel attachment for easy tilting and moving – fits 14" base only. Price per Each Length Green Finish Galvanized Finish Part No. UOM Part No. UOM Standard Weight – 1.12 lb/foot 6-ft. PTS174 Each PTS175 Each Heavy Weight – 2.00 lb/foot 6-ft. PTS173 Each PTS172 Each 8-ft. PTS176 PTS177 Description Part No. UOM Hardware Set PTS171 Set Part No. Fits Sign UOM PTS183 12"H Each PTS184 18"H PTS185 24"H Part No. UOM PTS182 Set Part No. Base Size Weight UOM PTS179 14" dia. 27 lbs. Each PTS180 18" dia. 37 lbs. Part No. UOM PTS178 Each Sign sold separately Fence Sign Holder Bracket Post signs and warnings on chain link fences. • Galvanized steel bracket • Universal to work with nearly any size chain link fence • Protects signs from damage by distributing pressure along the surface area of the bracket • Two brackets required for post mounting • Includes 5/16"-18 thread, 3/4" long stainless steel bolt and nylon washer – works well for use with 3/8" sign mounting holes • Sized to fit most signs Part No. UOM PBB0080 Each Portable Sign Stand Ideal for temporary applications or crosswalks. • 6-ft., white powder-coated steel post with pre-drilled mounting holes • Base plate with locking pin, and a road-gripping, 40 lb., recycled rubber base • When disassembled, bases nest for easy storage • NCHRP-350 compliant Part No. Description UOM PTS181* Portable Sign Stand Each Part No. Description UOM PTS154 Stop Sign Kit Kit *Sign sold separately Includes – (1) Portable Sign Stand, (1) 24" x 24" Engineer-Grade Prismatic Aluminum Stop Sign, (1) Hardware Set Blinker Signs Maximum Visibility in any Environment. • Flashing LED lights, combined with DG High-Prism sheeting, provide superior luminance and visibility • Eco-friendly, 13 watt solar panel, 6VDC battery charger require no AC • Low power allows for smaller panel and cleaner look • LED automatically measures available light and adjusts the LED flash brightness accordingly • Up to 30 day autonomy (flashing 24/7) • Heavy-duty aluminum construction with fully enclosed wiring withstands harsh elements • Attaches to 2 3/8" post with mounting brackets (sold separately) • MUTCD-compliant for public roadway use 30" x 30" PTS156 30" x 30" PTS155 Size UOM 30" x 30" Each 800.777.3300 | Panduit.com |