| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 9 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 9 Page - PANDUIT CORP. |
|
9 / 116 page ![]() Safety Signs & Labels 7 800.777.3300 | Panduit.com 7" x 10" 10" x 14" N7048 7" x 10" 10" x 14" N7058 14" x 10" N5813 7" x 10" 10" x 14" N7049 7" x 10" 10" x 14" N7022 7" x 10" 10" x 14" N7068 7" x 10" 10" x 14" N7069 7" x 10" 10" x 14" N7011 7" x 10" 10" x 14" N7023 7" x 10" 10" x 14" N7037 7" x 10" 10" x 14" N7070 7" x 10" 10" x 14" N7071 7" x 10" 10" x 14" N7052 7" x 10" 10" x 14" N7053 14" x 10" N4813 7" x 10" 10" x 14" N7054 7" x 10" 10" x 14" N7072 7" x 10" 10" x 14" N7073 7" x 10" 10" x 14" N7059 7" x 10" 10" x 14" N7074 7" x 10" 10" x 14" N7055 7" x 10" 10" x 14" N7056 14" x 10" N4811 7" x 10" 10" x 14" B7028 10" x 7" 14" x 10" B7031 7" x 10" 10" x 14" B7029 PROPIEDAD PRIVADA 14" x 10" B4511 7" x 10" 10" x 14" B7030 7" x 10" 10" x 14" B7032 7" x 10" 10" x 14" B7033 7" x 10" 10" x 14" B7040 14" x 10" B4520 7" x 10" 10" x 14" B7041 7" x 10" 10" x 14" B7042 7" x 10" 10" x 14" B7012 7" x 10" 10" x 14" B7075 Available Sizes Codes 7" x 10" 0710 10" x 14" 1014 14" x 10" 1410 Available Materials Codes Adhesive Vinyl (Each) PVS Polyester Laminated Vinyl (Each) PLVS Polyethylene Plastic (Each) PRS Aluminum (Each) PAS Select Size Code: 0710 2 How to Order Signs: Select Material Code: PVS 1 Combine Codes in Specific Order for Complete Part Number: PVS0710D7018 4 Select Sign Base Part Number: D7018 3 |