| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 10 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 10 Page - PANDUIT CORP. |
|
10 / 116 page ![]() 8 Safety Signs & Labels Signs 7" x 10" 10" x 14" B7078 7" x 10" 10" x 14" B7077 10" x 14" B3533 10" x 14" B4535 10" x 14" B4907 14" x 10" B4908 7" x 10" 10" x 14" B7076 7" x 10" 10" x 14" B7081 7" x 10" 10" x 14" B7024 7" x 10" 10" x 14" B7025 7" x 10" 10" x 14" B7080 10" x 14" B4912 Lighted UL LED Exit Signs Light the way of egress routes with illuminated EXIT. • Long-life, energy efficient, LED lamps, rated at 25+ years • Ceiling, end, or surface mount • Emergency style includes rechargeable battery back-up to keep sign lit for 1 1/2 hours during power failure • Red, 6" letters with knock-out left and right arrows • Hardwire connection to reliable electrical source required • 120 or 277 field selectable inputs Thermoplastic Exit Signs • Scratch- and corrosion-resistant plastic housing • Measures 7 1/2" x 12 1/4" x 1 3/4" • UL924 listed Steel Exit Signs • Durable, 20-gauge, steel housing with white powder-coat finish • Measures 7 1/2" 12" x 2 1/4" • UL924 and ULC/ORD-C924-02 listed Part No. Description UOM PSSE001 Standard Each PSSE002 Emergency Part No. Description UOM PSSE003 Standard Each PSSE004 Emergency Meets OSHA 29 CFR §1910.37 14" x 10" B3513 7" x 10" 10" x 14" B7026 7" x 10" 10" x 14" B7027 7" x 10" 10" x 14" B7039 7" x 10" 10" x 14" B7038 7" x 10" 10" x 14" B7079 7" x 10" 10" x 14" B7050 7" x 10" 10" x 14" B7082 Available Sizes Codes 7" x 10" 0710 10" x 14" 1014 Available Materials Codes Adhesive Vinyl (Each) PVS Polyester Laminated Vinyl (Each) PLVS Polyethylene Plastic (Each) PRS Aluminum (Each) PAS How to Order Signs: Select Material Code: PVS 1 Select Size Code: 0710 2 Select Label Sign Part Number: B7078 3 Combine Codes in Specific Order for Complete Part Number: PVS0710B7078 4 |