| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 87 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 87 Page - PANDUIT CORP. |
|
87 / 116 page ![]() 85 GHS Jumbo Tags Size Material Code Std. Pkg. Qty. 8 1/2" x 3 7/8" Poly Cardstock PCT- 5 Rigid Plastic PVT- 1121 1122 1123 Standard Back Comments Refer to Safety Data Sheet for more information. Label set includes 9 pictograms and 2 signal words Attach tags to chemicals in the workplace, and add the appropriate signal word and GHS pictogram labels to identify the hazards. • Large tags with space to write in the product/chemical identification, hazard statements and additional comments on the back • Label set of nine pictograms and the two approved signal words “Danger” and “Warning” are included for each tag and made of adhesive vinyl • Available in two stock materials, in packs of 5 To Order Tags: Add material code before part number. Example: Material Code PCT- + Part No. 1121 = PCT-1121 GHS | Haz-Com / GHS 800.777.3300 | Panduit.com Flame 1" x 1" PHC02 2" x 2" PHC11 Flame Over Circle 1" x 1" PHC03 2" x 2" PHC12 Exploding Bomb 1" x 1" PHC04 2" x 2" PHC13 Skull & Crossbones 1" x 1" PHC07 2" x 2" PHC16 Corrosion 1" x 1" PHC05 2" x 2" PHC14 Gas Cylinder 1" x 1" PHC06 2" x 2" PHC15 Exclamation Mark 1" x 1" PHC08 2" x 2" PHC17 Health Hazard 1" x 1" PHC10 2" x 2" PHC19 Environment 1" x 1" PHC09 2" x 2" PHC18 Non-mandatory GHS Pictogram Labels Pictogram labels comply with the Globally Harmonized System. • Identify hazards associated with chemicals • The Hazard Communication Standard (HCS) requires eight of the nine GHS pictograms • The environment pictogram is non-mandatory since environmental hazards fall outside OSHA’s jurisdiction • Available in adhesive-coated paper and adhesive-poly sheet • 250 or 500 per roll To Order Labels: Add material/quantity code after part number. Example: Part No. PHC02 + Material/Quantity Code PB = PHC02PB Adhesive Coated Paper Adhesive-Poly Sheet Std. Pkg. Qty. Code Code PS VS 250 PB VB 500 |