| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 13 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 13 Page - PANDUIT CORP. |
|
13 / 116 page ![]() Safety Signs & Labels 11 800.777.3300 | Panduit.com 2" x 9" B3502 2" x 5" B3500 2" x 5" B3542 2" x 5" B3556 1" x 6" B3501 2" x 9" B3516 2" x 9" B3587 1" x 9" B3534 Labels – Polyester Laminated Vinyl (PLVS) Confined Space Signs 7" x 10" 10" x 14" D7110 14" x 10" D4003 7" x 10" 10" x 14" D7111 7" x 10" 10" x 14" D7112 14" x 10" D4231 7" x 10" 10" x 14" D7115 14" x 10" D4135 7" x 10" 10" x 14" D7113 7" x 10" 10" x 14" D7114 7" x 10" 10" x 14" D7116 3 1/2" x 5" D3251 3 1/2" x 5" D3277 3 1/2" x 5" D3253 3 1/2" x 5" D3291 3 1/2" x 5" D3279 3 1/2" x 5" D3285 3 1/2" x 5" D3275 Labels 6" x 6" D3034 Available Sizes Codes 7" x 10" 0710 10" x 14" 1014 14" x 10" 1410 Available Materials Codes Adhesive Vinyl (Each) PVS Polyester Laminated Vinyl (Each) PLVS Polyethylene Plastic (Each) PRS Aluminum (Each) PAS Select Size Code: 0710 2 How to Order Signs: Select Material Code: PVS 1 Combine Codes in Specific Order for Complete Part Number: PVS0710D7084 4 Select Sign Base Part Number: D7084 3 How to Order Labels: Select Material Code: PVS 1 Select Size Code: 0305 2 Select Label Base Part Number: D3277 3 Combine Codes in Specific Order for Complete Part Number: PVS0305D3277 4 Available Materials Codes Adhesive Vinyl (Pkg. of 5) PVS Polyester Laminated Vinyl (Each) PLVS Available Sizes Codes 3 1/2" x 5" 0305 6" x 6" 0606 How to Order Labels: Select Material Code: PLVS 1 Select Size Code: 0205 2 Combine Codes in Specific Order for Complete Part Number: PLVS0205B3542 4 Select Label Base Part Number: B3542 3 Available Material Code Polyester Laminated Vinyl (Each) PLVS Available Sizes Codes 1" x 6" 0106 1" x 9" 0109 2" x 5" 0205 2" x 9" 0209 |