| データシートサーチシステム |
|
PCV-FOC データシート(PDF) 86 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCV-FOC データシート(HTML) 86 Page - PANDUIT CORP. |
|
86 / 116 page ![]() 84 Part No. Size C400X200YPT-G1 2.50" x 4.00" C400X400YPT-G1 4.00" x 4.00" C400X600YPT-G1 4.00" x 6.00" Part No. Size C400X200YPT-G2 2.50" x 4.00" C400X400YPT-G2 4.00" x 4.00" C400X600YPT-G2 4.00" x 6.00" Part No. Size C400X200YPT-G3 2.50" x 4.00" C400X400YPT-G3 4.00" x 4.00" C400X600YPT-G3 4.00" x 6.00" Part No. Size C400X200YPT-G4 2.50" x 4.00" C400X400YPT-G4 4.00" x 4.00" C400X600YPT-G4 4.00" x 6.00" Haz-Com / GHS | GHS GHS Print On-Demand Thermal Transfer Labels Print from the Easy-Mark Plus (add TM) Labeling Software or Easy-Mark™ Labeling Software directly to die cut polyester labels that match the formats in the software. Labels feature 1, 2, 3, or 4 red pre-printed diamonds for one-pass printing of the two-color GHS labels; 250 labels per roll. 1 Diamond Thermal Transfer Labels 2 Diamond Thermal Transfer Labels 3 Diamond Thermal Transfer Labels 4 Diamond Thermal Transfer Labels GHS Hazard Pictogram and Classes Physical/Chemical Risk Health Risk Environmental Risk Flame Flammables, Pyrophoric, Self-Heating, Emits Flammable Gas, Self-Reactive, Organic Peroxides Corrosion Skin Corrosion/ Burns and Eye Damage Exclamation Mark Irritant (skin and eye), Skin Sensitizer, Acute Toxicity (harmful), Narcotic Effects, Respiratory Tract Irritant, Hazardous to Ozone Layer Exploding Bomb Explosives, Self-Reactive, Organic Peroxides Gas Cylinder Gases under pressure Flame over Circle Oxidizers Corrosion Corrosive to Metals Skull and Crossbones Acute Toxicity (fatal or toxic) Environmental Aquatic Toxicity Health Danger Carcinogen, Mutagenicity, Reproductive Toxicity, Respiratory Sensitizer, Target Organ Toxicity, Aspiration Toxicity |