データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3901A2T-I/SS データシート(PDF) 10 Page - Microchip Technology

部品番号 MCP3901A2T-I/SS
部品情報  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/SS データシート(HTML) 10 Page - Microchip Technology

Back Button MCP3901A2T-I/SS Datasheet HTML 6Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 7Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 8Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 9Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 10Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 11Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 12Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 13Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
MCP3901
DS22192A-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, AVDD = 5.0V, DVDD = 5.0 V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 64; GAIN = 1; Dithering OFF; VIN = -0.5dBFS @ 60 Hz.
FIGURE 2-7:
Spectral Response.
FIGURE 2-8:
Spectral Response.
FIGURE 2-9:
Spurious Free Dynamic
Range Histogram.
FIGURE 2-10:
Spurious Free Dynamic
Range vs. Oversampling Ratio.
FIGURE 2-11:
Signal-to-Noise and
Distortion and Effective Number of Bits vs.
Oversampling Ratio.
FIGURE 2-12:
Signal-to-Noise and
Distortion vs. Gain.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
2000
4000
6000
8000
Frequency (Hz)
fIN = -0.5dBFS @ 60 Hz
fD = 15.6 ksps
16384 Point FFT
OSR = 64
Dithering ON
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
2000
4000
6000
8000
Frequency (Hz)
fIN = -60dBFS @ 60 Hz
fD = 15.6 ksps
16384 Point FFT
OSR = 64
Dithering ON
0
2
4
6
8
1
0
1
2
107 107.5 108 108.5 109 109.5 110 110.5 111
Spurious Free Dynamic Range (dB)
fIN = 60 Hz
MCLK = 4 MHz
OSR = 256
Dithering On
0
10
20
30
40
50
60
70
80
90
100
110
120
32
64
128
256
Oversampling Ratio (OSR)
Dithering OFF
Dithering ON
50
55
60
65
70
75
80
85
90
95
100
32
64
128
256
Oversampling Ratio (OSR)
8
9
10
11
12
13
14
15
16
Dithering ON
Dithering OFF
40
45
50
55
60
65
70
75
80
85
90
95
124
8
16
32
Gain (V/V)
OSR = 256
OSR = 32
OSR = 64
OSR = 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com