データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0056 データシート(PDF) 58 Page - STMicroelectronics

部品番号 PM0056
部品情報  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 データシート(HTML) 58 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 54Page - STMicroelectronics PM0056 Datasheet HTML 55Page - STMicroelectronics PM0056 Datasheet HTML 56Page - STMicroelectronics PM0056 Datasheet HTML 57Page - STMicroelectronics PM0056 Datasheet HTML 58Page - STMicroelectronics PM0056 Datasheet HTML 59Page - STMicroelectronics PM0056 Datasheet HTML 60Page - STMicroelectronics PM0056 Datasheet HTML 61Page - STMicroelectronics PM0056 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 156 page
background image
The Cortex-M3 instruction set
PM0056
58/156
DocID15491 Rev 5
Most instructions update the status flags only if the S suffix is specified. See the instruction
descriptions for more information.
Condition code suffixes
The instructions that can be conditional have an optional condition code, shown in syntax
descriptions as {cond}. Conditional execution requires a preceding IT instruction. An
instruction with a condition code is only executed if the condition code flags in the APSR
meet the specified condition. Table 23 shows the condition codes to use.
You can use conditional execution with the IT instruction to reduce the number of branch
instructions in code.
Table 23 also shows the relationship between condition code suffixes and the N, Z, C, and V
flags.
Specific example 1: Absolute value shows the use of a conditional instruction to find the
absolute value of a number. R0 = ABS(R1).
Specific example 1: Absolute value
MOVSR0, R1; R0 = R1, setting flags
IT MI; IT instruction for the negative condition
RSBMIR0, R1, #0; If negative, R0 = -R1
Table 23. Condition code suffixes
Suffix
Flags
Meaning
EQ
Z = 1
Equal
NE
Z = 0
Not equal
CS or HS
C = 1
Higher or same, unsigned
≥
CC or LO
C = 0
Lower, unsigned <
MI
N = 1
Negative
PL
N = 0
Positive or zero
VS
V = 1
Overflow
VC
V = 0
No overflow
HI
C = 1 and Z = 0
Higher, unsigned >
LS
C = 0 or Z = 1
Lower or same, unsigned
≤
GE
N = V
Greater than or equal, signed
≥
LT
N
!= V
Less than, signed <
GT
Z = 0 and N = V
Greater than, signed >
LE
Z = 1 and N
!= V
Less than or equal, signed
≤
AL
Can have any value
Always. This is the default when no suffix is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More