| データシートサーチシステム |
|
PM0056 データシート(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 データシート(HTML) 78 Page - STMicroelectronics |
|
78 / 156 page ![]() The Cortex-M3 instruction set PM0056 78/156 DocID15491 Rev 5 Examples CLZR4,R9 CLZNER2,R3 3.5.5 CMP and CMN Compare and compare negative. Syntax CMP{cond} Rn, Operand2 CMN{cond} Rn, Operand2 where: • ‘cond’ is an optional condition code (see Conditional execution on page 57) • ‘Rn’ is the register holding the first operand • ‘Operand2’ is a flexible second operand (see Flexible second operand on page 52) for details of the options. Operation These instructions compare the value in a register with operand2. They update the condition flags on the result, but do not write the result to a register. The CMP instruction subtracts the value of operand2 from the value in Rn. This is the same as a SUBS instruction, except that the result is discarded. The CMN instruction adds the value of operand2 to the value in Rn. This is the same as an ADDS instruction, except that the result is discarded. Restrictions In these instructions: • Do not use PC • Operand2 must not be SP Condition flags These instructions update the N, Z, C and V flags according to the result. Examples CMPR2, R9 CMNR0, #6400 CMPGTSP, R7, LSL #2 |