データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0056 データシート(PDF) 45 Page - STMicroelectronics

部品番号 PM0056
部品情報  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 データシート(HTML) 45 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 41Page - STMicroelectronics PM0056 Datasheet HTML 42Page - STMicroelectronics PM0056 Datasheet HTML 43Page - STMicroelectronics PM0056 Datasheet HTML 44Page - STMicroelectronics PM0056 Datasheet HTML 45Page - STMicroelectronics PM0056 Datasheet HTML 46Page - STMicroelectronics PM0056 Datasheet HTML 47Page - STMicroelectronics PM0056 Datasheet HTML 48Page - STMicroelectronics PM0056 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 156 page
background image
DocID15491 Rev 5
45/156
PM0056
The Cortex-M3 instruction set
3
The Cortex-M3 instruction set
3.1
Instruction set summary
The processor implements a version of the thumb instruction set. Table 20 lists the
supported instructions.
In Table 20:
Angle brackets, <>, enclose alternative forms of the operand
Braces, {}, enclose optional operands
The operands column is not exhaustive
Op2 is a flexible second operand that can be either a register or a constant
Most instructions can use an optional condition code suffix
For more information on the instructions and operands, see the instruction descriptions.
Table 20. Cortex-M3 instructions
Mnemonic
Operands
Brief description
Flags
Section
ADC, ADCS
{Rd,} Rn, Op2
Add with carry
N,Z,C,V
3.5.1 on
page 73
ADD, ADDS
{Rd,} Rn, Op2
Add
N,Z,C,V
3.5.1 on
page 73
ADD, ADDW
{Rd,} Rn, #imm12
Add
N,Z,C,V
3.5.1 on
page 73
ADR
Rd, label
Load PC-relative address
3.4.1 on
page 60
AND, ANDS
{Rd,} Rn, Op2
Logical AND
N,Z,C
3.5.2 on
page 75
ASR, ASRS
Rd, Rm, <Rs|#n>
Arithmetic shift right
N,Z,C
3.5.3 on
page 76
B
label
Branch
3.8.5 on
page 92
BFC
Rd, #lsb, #width
Bit field clear
3.8.1 on
page 89
BFI
Rd, Rn, #lsb, #width
Bit field insert
3.8.1 on
page 89
BIC, BICS
{Rd,} Rn, Op2
Bit clear
N,Z,C
3.5.2 on
page 75
BKPT
#imm
Breakpoint
3.9.1 on
page 98
BL
label
Branch with link
3.8.5 on
page 92
BLX
Rm
Branch indirect with link
3.8.5 on
page 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More