データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0056 データシート(PDF) 18 Page - STMicroelectronics

部品番号 PM0056
部品情報  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 データシート(HTML) 18 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 14Page - STMicroelectronics PM0056 Datasheet HTML 15Page - STMicroelectronics PM0056 Datasheet HTML 16Page - STMicroelectronics PM0056 Datasheet HTML 17Page - STMicroelectronics PM0056 Datasheet HTML 18Page - STMicroelectronics PM0056 Datasheet HTML 19Page - STMicroelectronics PM0056 Datasheet HTML 20Page - STMicroelectronics PM0056 Datasheet HTML 21Page - STMicroelectronics PM0056 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 156 page
background image
The Cortex-M3 processor
PM0056
18/156
DocID15491 Rev 5
Interrupt program status register
The IPSR contains the exception type number of the current Interrupt Service Routine
(ISR). See the register summary in Table 2 on page 14 for its attributes. The bit assignments
are:
Table 5. IPSR bit definitions
Bits
Description
Bits 31:9
Reserved
Bits 8:0
ISR_NUMBER:
This is the number of the current exception:
0: Thread mode
1: Reserved
2: NMI
3: Hard fault
4: Memory management fault
5: Bus fault
6: Usage fault
7: Reserved
....
10: Reserved
11: SVCall
12: Reserved for Debug
13: Reserved
14: PendSV
15: SysTick
16: IRQ0(1)
....
....
83: IRQ67(1)
see Exception types on page 33 for more information.
1. See STM32 product reference manual/datasheet for more information on interrupt mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More