データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0056 データシート(PDF) 50 Page - STMicroelectronics

部品番号 PM0056
部品情報  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 データシート(HTML) 50 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 46Page - STMicroelectronics PM0056 Datasheet HTML 47Page - STMicroelectronics PM0056 Datasheet HTML 48Page - STMicroelectronics PM0056 Datasheet HTML 49Page - STMicroelectronics PM0056 Datasheet HTML 50Page - STMicroelectronics PM0056 Datasheet HTML 51Page - STMicroelectronics PM0056 Datasheet HTML 52Page - STMicroelectronics PM0056 Datasheet HTML 53Page - STMicroelectronics PM0056 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 156 page
background image
The Cortex-M3 instruction set
PM0056
50/156
DocID15491 Rev 5
3.2
Intrinsic functions
ANSI cannot directly access some Cortex-M3 instructions. This section describes intrinsic
functions that can generate these instructions, provided by the CMIS and that might be
provided by a C compiler. If a C compiler does not support an appropriate intrinsic function,
you might have to use an inline assembler to access some instructions.
The CMSIS provides the intrinsic functions listed in Table 21 to generate instructions that
ANSI cannot directly access.
WFE
—
Wait for event
—
3.9.11 on
page 103
WFI
—
Wait for interrupt
—
3.9.12 on
page 104
Table 20. Cortex-M3 instructions (continued)
Mnemonic
Operands
Brief description
Flags
Section
Table 21. CMSIS intrinsic functions to generate some Cortex-M3 instructions
Instruction
CMSIS intrinsic function
CPSIE I
void __enable_irq(void)
CPSID I
void __disable_irq(void)
CPSIE F
void __enable_fault_irq(void)
CPSID F
void __disable_fault_irq(void)
ISB
void __ISB(void)
DSB
void __DSB(void)
DMB
void __DMB(void)
REV
uint32_t __REV(uint32_t int value)
REV16
uint32_t __REV16(uint32_t int value)
REVSH
uint32_t __REVSH(uint32_t int value)
RBIT
uint32_t __RBIT(uint32_t int value)
SEV
void __SEV(void)
WFE
void __WFE(void)
WFI
void __WFI(void)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More