| データシートサーチシステム |
|
PM0056 データシート(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 データシート(HTML) 71 Page - STMicroelectronics |
|
71 / 156 page ![]() DocID15491 Rev 5 71/156 PM0056 The Cortex-M3 instruction set Restrictions In these instructions: • Do not use PC • Do not use SP for Rd and Rt • For STREX, Rd must be different from both Rt and Rn • The value of offset must be a multiple of four in the range 0-1020 Condition flags These instructions do not change the flags. Examples MOVR1, #0x1; initialize the ‘lock taken’ value try LDREXR0, [LockAddr]; load the lock value CMPR0, #0; is the lock free? ITTEQ; IT instruction for STREXEQ and CMPEQ STREXEQR0, R1, [LockAddr]; try and claim the lock CMPEQR0, #0; did this succeed? BNEtry; no – try again ; yes – we have the lock 3.4.9 CLREX Clear exclusive. Syntax CLREX{cond} where: ‘cond’ is an optional condition code (see Conditional execution on page 57) Operation Use CLREX to make the next STREX, STREXB, or STREXH instruction write 1 to its destination register and fail to perform the store. It is useful in exception handler code to force the failure of the store exclusive if the exception occurs between a load exclusive instruction and the matching store exclusive instruction in a synchronization operation. See Synchronization primitives on page 31 for more information. Condition flags These instructions do not change the flags. Examples CLREX |