データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0056 データシート(PDF) 73 Page - STMicroelectronics

部品番号 PM0056
部品情報  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 データシート(HTML) 73 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 69Page - STMicroelectronics PM0056 Datasheet HTML 70Page - STMicroelectronics PM0056 Datasheet HTML 71Page - STMicroelectronics PM0056 Datasheet HTML 72Page - STMicroelectronics PM0056 Datasheet HTML 73Page - STMicroelectronics PM0056 Datasheet HTML 74Page - STMicroelectronics PM0056 Datasheet HTML 75Page - STMicroelectronics PM0056 Datasheet HTML 76Page - STMicroelectronics PM0056 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 156 page
background image
DocID15491 Rev 5
73/156
PM0056
The Cortex-M3 instruction set
3.5.1
ADD, ADC, SUB, SBC, and RSB
Add, add with carry, subtract, subtract with carry, and reverse subtract.
Syntax
op{S}{cond} {Rd,} Rn, Operand2
op{cond} {Rd,} Rn, #imm12; ADD and SUB only
where:
‘op’ is one of:
ADD: Add
ADC: Add with carry
SUB: Subtract
SBC: Subtract with carry
RSB: Reverse subtract
‘S’ is an optional suffix. If S is specified, the condition code flags are updated on the
result of the operation (see Conditional execution on page 57)
‘cond’ is an optional condition code (see Conditional execution on page 57)
‘Rd’ is the destination register. If Rd is omitted, the destination register is Rn
‘Rn’ is the register holding the first operand
‘Operand2’ is a flexible second operand (see Flexible second operand on page 52 for
details of the options).
‘imm12’ is any value in the range 0—4095
Operation
The ADD instruction adds the value of operand2 or imm12 to the value in Rn.
The ADC instruction adds the values in Rn and operand2, together with the carry flag.
The SUB instruction subtracts the value of operand2 or imm12 from the value in Rn.
The SBC instruction subtracts the value of operand2 from the value in Rn. If the carry flag is
clear, the result is reduced by one.
The RSB instruction subtracts the value in Rn from the value of operand2. This is useful
because of the wide range of options for operand2.
Use ADC and SBC to synthesize multiword arithmetic (see Multiword arithmetic examples
on page 74 and ADR on page 60).
ADDW is equivalent to the ADD syntax that uses the imm12 operand. SUBW is equivalent
to the SUB syntax that uses the imm12 operand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More