| データシートサーチシステム |
|
PM0056 データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 156 page ![]() DocID15491 Rev 5 49/156 PM0056 The Cortex-M3 instruction set STREX Rd, Rt, [Rn, #offset] Store register exclusive — 3.4.8 on page 70 STREXB Rd, Rt, [Rn] Store register exclusive byte — 3.4.8 on page 70 STREXH Rd, Rt, [Rn] Store register exclusive halfword — 3.4.8 on page 70 STRH, STRHT Rt, [Rn, #offset] Store register halfword — 3.4 on page 60 STRT Rt, [Rn, #offset] Store register word — 3.4 on page 60 SUB, SUBS {Rd,} Rn, Op2 Subtract N,Z,C,V 3.5.1 on page 73 SUB, SUBW {Rd,} Rn, #imm12 Subtract N,Z,C,V 3.5.1 on page 73 SVC #imm Supervisor call — 3.9.10 on page 103 SXTB {Rd,} Rm {,ROR #n} Sign extend a byte — 3.8.3 on page 90 SXTH {Rd,} Rm {,ROR #n} Sign extend a halfword — 3.8.3 on page 90 TBB [Rn, Rm] Table branch byte — 3.8.8 on page 96 TBH [Rn, Rm, LSL #1] Table branch halfword — 3.8.8 on page 96 TEQ Rn, Op2 Test equivalence N,Z,C 3.5.9 on page 82 TST Rn, Op2 Test N,Z,C 3.5.9 on page 82 UBFX Rd, Rn, #lsb, #width Unsigned bit field extract — 3.8.2 on page 89 UDIV {Rd,} Rn, Rm Unsigned divide — 3.6.3 on page 86 UMLAL RdLo, RdHi, Rn, Rm Unsigned multiply with accumulate (32 x 32 + 64), 64-bit result — 3.6.2 on page 85 UMULL RdLo, RdHi, Rn, Rm Unsigned multiply (32 x 32), 64-bit result — 3.6.2 on page 85 USAT Rd, #n, Rm {,shift #s} Unsigned saturate Q 3.7.1 on page 87 UXTB {Rd,} Rm {,ROR #n} Zero extend a byte — 3.8.3 on page 90 UXTH {Rd,} Rm {,ROR #n} Zero extend a halfword — 3.8.3 on page 90 Table 20. Cortex-M3 instructions (continued) Mnemonic Operands Brief description Flags Section |