データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
19
7.3 Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to change the
system configuration and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or
affecting the endurance of the Status Register non-volatile bits. The Write Enable for Volatile Status Register command
must be issued prior to a Write Status Register command any other commands cannot be inserted between them.
Otherwise, Write Enable for Volatile Status Register will be cleared. The Write Enable for Volatile Status Register
command will not set the Write Enable Latch bit, it is only valid for the Write Status Register command to change the
volatile Status Register bit values.
Figure3. Write Enable for Volatile Status Register Sequence Diagram
CS#
SCLK
Command(50H)
SI
SO
0
1
2
3
4
5
6
7
High-Z
Figure3a. Write Enable for Volatile Status Register Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
50H
7.4 Read Status Register (RDSR) (05H or 35H or 15H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at
any time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles is in
progress, it is recommended to check the Write in Progress (WIP) bit before sending a new command to the device. It is
also possible to read the Status Register continuously. For command code
“05H”/“35H”, the SO will output Status Register
bits S7~S0 / S15-S8. The command
code “15H” only supports the QPI mode, the I/O0 will output Status Register S1-S0.
(For 120MHz Frequency, the 15H will better than 05H to check the WIP bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com