データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
47
7.29 Erase Security Registers (44H)
The GD25LB64C provides three 1024-byte Security Registers which can be erased and programmed individually.
These registers may be used by the system manufacturers to store security and other important information separately
from the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low  sending Erase Security Registers command 
3-Byte address on SI  CS# goes high. The command sequence is shown in Figure31. CS# must be driven high after the
eighth bit of the last address Byte has been latched in; otherwise the Erase Security Registers command is not executed.
As soon as CS# is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated. While the
Erase Security Registers cycle is in progress, the Status Register may be read to check the value of the Write in Progress
(WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is
completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Security
Registers Lock Bit (LB3-1) in the Status Register can be used to OTP protect the security registers. Once the LB bit is set
to 1, the Security Registers will be permanently locked; the Erase Security Registers command will be ignored.
Address
A23-16
A15-12
A11-10
A9-0
Security Register #1
00H
0 0 0 1
0 0
Don
’t care
Security Register #2
00H
0 0 1 0
0 0
Don
’t care
Security Register #3
00H
0 0 1 1
0 0
Don
’t care
Figure31. Erase Security Registers command Sequence Diagram
Command
0
1
2
3
4
5
6
7
44H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com