データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
56
Table4. Parameter Table (0): JEDEC Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Block/Sector Erase Size
00: Reserved; 01: 4KB erase;
10: Reserved;
11: not support 4KB erase
30H
01:00
01b
E5H
Write Granularity
0: 1Byte, 1: 64Byte or larger
02
1b
Write Enable Instruction
Requested for Writing to Volatile
Status Registers
0: Nonvolatile status bit
1: Volatile status bit
(BP status register bit)
03
0b
Write Enable Opcode Select for
Writing to Volatile Status
Registers
0: Use 50H Opcode,
1: Use 06H Opcode,
Note: If target flash status register is
Nonvolatile, then bits 3 and 4 must
be set to 00b.
04
0b
Unused
Contains 111b and can never be
changed
07:05
111b
4KB Erase Opcode
31H
15:08
20H
20H
(1-1-2) Fast Read
0=Not support, 1=Support
32H
16
1b
F1H
Address Bytes Number used in
addressing flash array
00: 3Byte only, 01: 3 or 4Byte,
10: 4Byte only, 11: Reserved
18:17
00b
Double Transfer Rate (DTR)
clocking
0=Not support, 1=Support
19
0b
(1-2-2) Fast Read
0=Not support, 1=Support
20
1b
(1-4-4) Fast Read
0=Not support, 1=Support
21
1b
(1-1-4) Fast Read
0=Not support, 1=Support
22
1b
Unused
23
1b
Unused
33H
31:24
FFH
FFH
Flash Memory Density
37H:34H
31:00
03FFFFFFH
(1-4-4) Fast Read Number of Wait
states
0 0000b: Wait states (Dummy
Clocks) not support
38H
04:00
00100b
44H
(1-4-4) Fast Read Number of
Mode Bits
000b:Mode Bits not support
07:05
010b
(1-4-4) Fast Read Opcode
39H
15:08
EBH
EBH
(1-1-4) Fast Read Number of Wait
states
0 0000b: Wait states (Dummy
Clocks) not support
3AH
20:16
01000b
08H
(1-1-4) Fast Read Number of
Mode Bits
000b:Mode Bits not support
23:21
000b
(1-1-4) Fast Read Opcode
3BH
31:24
6BH
6BH
(1-1-2) Fast Read Number of
Wait states
0 0000b: Wait states (Dummy
Clocks) not support
3CH
04:00
01000b
08H
(1-1-2) Fast Read Number
000b: Mode Bits not support
07:05
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com