データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
48
7.30 Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. Each security register
contains four pages content. A Write Enable (WREN) command must previously have been executed to set the Write
Enable Latch (WEL) bit before sending the Program Security Registers command. The Program Security Registers
command is entered by driving CS# Low, followed by the command code (42H), three address bytes and at least one data
byte on SI. As soon as CS# is driven high, the self-timed Program Security Registers cycle (whose duration is tPP) is
initiated. While the Program Security Registers cycle is in progress, the Status Register may be read to check the value of
the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Program Security Registers cycle,
and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is
reset.
If the Security Registers Lock Bit (LB3-1) is set to 1, the Security Registers will be permanently locked. Program
Security Registers command will be ignored.
Address
A23-16
A15-12
A11-10
A9-0
Security Register #1
00H
0 0 0 1
0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0
Byte Address
Figure32. Program Security Registers command Sequence Diagram
Command
0
1
2
3
4
5
6
7
42H
CS#
SCLK
SI
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
6
5
4
3
2
1
0
7
CS#
SCLK
SI
MSB
Data Byte 2
32 33 34 35
7
6
5
4
3
2
1
0
MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
36 37 38 39
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com