データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
8
4. DEVICE OPERATION
SPI Mode
Standard SPI
The GD25LB64C features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#),
Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is latched on the
rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The GD25LB64C supports Dual SPI operation when using the
“Dual Output Fast Read” and “Dual I/O Fast Read”
(3BH and BBH) commands. These commands allow data to be transferred to or from the device at twice the rate of the
standard SPI. When using the Dual SPI command the SI and SO pins become bidirectional I/O pins: IO0 and IO1.
Quad SPI
The GD25LB64C supports Quad SPI operation when using the
“Quad Output Fast Read”,” Quad I/O Fast Read”,
“Quad I/O Word Fast Read”, “Quad Page Program” (6BH, EBH, E7H, 32H) commands. These commands allow data to be
transferred to or from the device at four times the rate of the standard SPI. When using the Quad SPI command the SI and
SO pins become bidirectional I/O pins: IO0 and IO1.
QPI
The GD25LB64C supports Quad Peripheral Interface (QPI) operations only when the device is switched from
Standard/Dual/Quad SPI mode to QPI mode using the
“Enable the QPI (38H)” command. The QPI mode utilizes all four IO
pins to input the command code. Standard/Dual/Quad SPI mode and QPI mode are exclusive. Only one mode can be
active at any given times.
“Enable the QPI (38H)” and “Disable the QPI (FFH)” commands are used to switch between
these two modes. Upon power-up and after software reset
using “”Reset (99H)” command, the default state of the device is
Standard/Dual/Quad SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com