データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
32
7.15 Quad Page Program (32H)
The Quad Page Program command is for programming the memory using four pins: IO0, IO1, IO2, and IO3. A Write
Enable (WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit before sending the
Page Program command. The quad Page Program command is entered by driving CS# Low, followed by the command
code (32H), three address bytes and at least one data byte on IO pins.
The command sequence is shown in Figure16. If more than 256 bytes are sent to the device, previously latched data
are discarded and the last 256 data bytes are guaranteed to be programmed correctly within the same page. If less than
256 data bytes are sent to device, they are correctly programmed at the requested addresses without having any effects on
the other bytes of the same page. CS# must be driven high after the eighth bit of the last data byte has been latched in;
otherwise the Quad Page Program (PP) command is not executed.
As soon as CS# is driven high, the self-timed Quad Page Program cycle (whose duration is tPP) is initiated. While the
Quad Page Program cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP)
bit. The Write in Progress (WIP) bit is 1 during the self-timed Quad Page Program cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Quad Page Program command applied to a page which is protected by the Block Protect (BP4, BP3, BP2, BP1,
and BP0) is not executed.
Figure16.Quad Page Program Sequence Diagram
Command
0
1
2
3
4
5
6
7
32H
CS#
SCLK
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
32 33 34 35
4
0
MSB
36 37 38 39
IO0
IO1
IO2
IO3
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
Byte1 Byte2
CS#
SCLK
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
Byte11
4
0
5
1
6
2
7
3
Byte12
4
0
5
1
6
2
7
3
Byte253
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
Byte256
IO0
IO1
IO2
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com