データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
44
7.26 Program/Erase Suspend (PES) (75H)
The Program/Erase Suspend command
“75H”, allows the system to interrupt a page program or sector/block erase
operation and then read data from any other sector or block. The Write Status Register command (01H) and Erase
Security Registers (44H, 42H) and Erase commands (20H, 52H, D8H, C7H, 60H) and Page Program command (02H,
32H) are not allowed during Program suspend. The Write Status Register command (01H) and Erase Security Registers
command (44H) and Erase commands (20H, 52H, D8H, C7H, 60H) are not allowed during Erase suspend. Program/Erase
Suspend is valid only during the page program or sector/block erase operation. A maximum of
time of “tsus” (See AC
Characteristics) is required to suspend the program/erase operation.
The Program/Erase Suspend command will be accepted by the device only if the SUS2/SUS1 bit in the Status
Register equal to 0 and WIP bit equal to 1 while a Page Program or a Sector or Block Erase operation is on-going. If the
SUS2/SUS1 bit equal to 1 or WIP bit equal to 0, the Suspend command will be ignored by the device. The WIP bit will be
cleared from 1 to 0 within
“tsus” and the SUS2/SUS1 bit will be set from 0 to 1 immediately after Program/Erase Suspend.
A power-off during the suspend period will reset the device and release the suspend state. The command sequence is
show in Figure28.
Figure28. Program/Erase Suspend Sequence Diagram
Command
0
1
2
3
4
5
6
7
75H
CS#
SCLK
SI
SO
High-Z
tSUS
Accept read command
Figure28a. Program/Erase Suspend Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
75H
tSUS
Accept Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com