データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
43
7.25 Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed by two
bytes of device identification. The device identification indicates the memory type in the first byte, and the memory capacity
of the device in the second byte. The Read Identification (RDID) command while an Erase or Program cycle is in progress,
is not decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) command should not be
issued while the device is in Deep Power-Down Mode.
The device is first selected by driving CS# low. Then, the 8-bit command code for the command is shifted in. This is
followed by the 24-bit device identification, stored in the memory. Each bit is shifted out on the falling edge of Serial Clock.
The command sequence is shown in Figure27. The Read Identification (RDID) command is terminated by driving CS# high
at any time during data output. When CS# is driven high, the device is in the Standby Mode. Once in the Standby Mode,
the device waits to be selected, so that it can receive, decode and execute commands.
Figure27. Read Identification ID Sequence Diagram
0
1
2
3
4
5
6
7
CS#
SCLK
SI
SO
8
9 10
MSB
18 19 20 21
17
6
5
4
3
2
1
0
22 23
16
26 27 28 29
25
30 31
24
7
Capacity ID7-ID0
CS#
SCLK
SI
SO
MSB
Memory Type ID15-ID8
6
5
4
3
2
1
0
7
11 12 13 14 15
9FH
6
5
4
3
2
1
0
7
Manufacturer ID
MSB
Figure27a. Read Identification ID Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
9FH
12
8
6
0
13
9
1
15
11
3
14
10
2
4
5
6
7
IOs switch from
Input to Output
MID
ID15-8
ID7-0
0
1
3
2
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com