データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 60 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 60 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
60
8.4 CAPACITANCE MEASUREMENT CONDITIONS
Symbol
Parameter
Min
Typ.
Max
Unit
Conditions
CIN
Input Capacitance
6
pF
VIN=0V
COUT
Output Capacitance
8
pF
VOUT=0V
CL
Load Capacitance
30
pF
Input Rise And Fall time
5
ns
Input Pause Voltage
0.1VCC to 0.8VCC
V
Input Timing Reference Voltage
0.2VCC to 0.7VCC
V
Output Timing Reference Voltage
0.5VCC
V
Figure42. Input Test Waveform and Measurement Level
0.8VCC
0.1VCC
0.7VCC
0.2VCC
0.5VCC
AC Measurement Level
Input timing reference level
Output timing reference level
Note: Input pulse rise and fall time are<5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com