データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
38
7.21 Release from Deep Power-Down and Read Device ID (RDI) (ABH)
The Release from Power-Down and Read Device ID command is a multi-purpose command. It can be used to release
the device from the Power-Down state or obtain the devices electronic identification (ID) number.
To release the device from the Power-Down state, the command is issued by driving the CS# pin low, shifting the
instruction code
“ABH” and driving CS# high as shown in Figure22. Release from Power-Down will take the time duration
of tRES1 (See AC Characteristics) before the device will resume normal operation and other c omma nd are accepted. The
CS# pin must remain high during the tRES1 time duration.
When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by driving the
CS# pin low and shifting the instruction code
“ABH” followed by 3-dummy byte. The Device ID bits are then shifted out on
the falling edge of SCLK with most significant bit (MSB) first as shown in Figure23. The Device ID value for the
GD25LB64C is listed in Manufacturer and Device Identification table. The Device ID can be read continuously. The
command is completed by driving CS# high.
When used to release the device from the Power-Down state and obtain the Device ID, the command is the same
as previously described, and shown in Figure23, except that after CS# is driven high it must remain high for a time
duration of tRES2 (See AC Characteristics). After this time duration the device will resume normal operation and other
command will be accepted. If the Release from Power-Down / Device ID command is issued while an Erase, Program or
Write cycle is in process (when WIP equal 1) the command is ignored and will not have any effects on the current cycle.
Figure22. Release Power-Down Sequence Diagram
Command
0
1
2
3
4
5
6
7
ABH
CS#
SCLK
SI
RES1
Stand-by mode
Deep Power-down mode
t
Figure22a. Release Power-Down Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
ABH
tRES1
Deep Power-down mode
Stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com