データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
27
Quad I/O Fast Read with
“8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Quad I/O Fast Read command can be used to access a specific portion within a page by issuing
“Set Burst with
Wrap
” (77H) commands prior to EBH. The “Set Burst with Wrap” (77H) command can either enable or disable the “Wrap
Around
” feature for the following EBH commands. When “Wrap Around” is enabled, the data being accessed can be limited
to either an 8/16/32/64-byte section of a 256-byte page. The output data starts at the initial address specified in the
command, once it reaches the ending boundary of the 8/16/32/64-byte section, the output will wrap around the beginning
boundary automatically until CS# is pulled high to terminate the command.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill the
cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read commands. The
“Set Burst
with Wrap
” command allows three “Wrap Bits” W6-W4 to be set. The W4 bit is used to enable or disable the “Wrap Around”
operation while W6-W5 is used to specify the length of the wrap around section within a page.
Quad I/O Fast Read (EBH) in QPI mode
The Quad I/O Fast Read command is also supported in QPI mode. See Figure12b. In QPI mode, the number of
dummy clocks is configured by the
“Set Read Parameters (C0H)” command to accommodate a wide range application with
different needs for either maximum Fast Read frequency or minimum data access latency. Depending on the Read
Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as either 4/6/8. In QPI mode, the
“Continuous Read Mode” bits M7-M0 are also considered as dummy clocks. “Continuous Read Mode” feature is also
available in QPI mode for Quad I/O Fast Read command.
“Wrap Around” feature is not available in QPI mode for Quad I/O
Fast Read command. To perform a read operation with fixed data length wrap around in QPI mode, a dedicated
“Burst
Read with Wrap
” (0CH) command must be used.
Figure12b. Quad I/O Fast Read Sequence Diagram (M5-4= (1, 0) QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
EBH
20
12
16
8
6
7
8
9
10
4
4
0
0
4
0
4
0
4
21
13
17
9
5
5
1
1
5
1
5
1
5
22
14
18
10
6
6
2
2
6
2
6
2
6
23
15
19
11
7
7
3
3
7
3
7
3
7
A23-16
A15-8
A7-0
M7-0*
11
12 13
14
IOs switch from
Input to output
dummy* Byte1
Byte2
*"Set Read Parameters"
Command (C0H) can
set the number of
dummy clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com