データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CSIG データシート(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIG データシート(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
14
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(ID7-ID0)
(continuous)
Release From Deep
Power-Down
ABH
Deep Power-Down
B9H
Manufacturer/
Device ID
90H
00H
00H
00H
(M7-M0)
(ID7-ID0)
(continuous)
Manufacturer/
Device ID by Dual I/O
92H
A23-A8
A7-A0,
M[7:0]
(M7-M0)
(ID7-ID0)
(continuous)
Manufacturer/
Device ID by Quad I/O
94H
A23-A0,
M[7:0]
dummy
(M7-M0)
(ID7-ID0)
(continuous)
Read Identification
9FH
(M7-M0)
(ID15-ID8)
(ID7-ID0)
(continuous)
Read Unique ID
4BH
00H
00H
00H
dummy
(UID7-UID
0)
(continuous)
Read Serial Flash
Discoverable
Parameter(10)
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Erase Security
Registers(8)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers(8)
42H
A23-A16
A15-A8
A7-A0
D7-D0
(D7-D0)
Read Security
Registers(8)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Table2a. Commands (QPI)
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Clock Number
(0,1)
(2,3)
(4,5)
(6,7)
(8,9)
(10,11)
Write Enable
06H
Volatile SR Write Enable
50H
Write Disable
04H
Read Status Register
05H
(S7-S0)
Read Status Register-1
35H
(S15-S8)
Read Status Register-2
15H
(S1-S0)
Write Status Register
01H
S7-S0
S15-S8
Page Program
02H
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase(32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase(64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Program/Erase Suspend
75H
Program/Erase Resume
7AH
Deep Power-Down
B9H
Set Read Parameters
C0H
P7-P0
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Burst Read with Wrap
0CH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Quad I/O Fast Read
EBH
A23-A16
A15-A8
A7-A0
M7-M0
(D7-D0)
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(ID7-ID0)
Manufacturer/
Device ID
90H
dummy
dummy
00H
(M7-M0)
(ID7-ID0)
Read Identification
9FH
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Read Serial Flash
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com