データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EN80C3RMSBY データシート(PDF) 148 Page - STMicroelectronics

部品番号 SPC58EN80C3RMSBY
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EN80C3RMSBY データシート(HTML) 148 Page - STMicroelectronics

Back Button SPC58EN80C3RMSBY Datasheet HTML 144Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 145Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 146Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 147Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 148Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 149Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 150Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 151Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 158 page
background image
Revision history
SPC584Nx, SPC58ENx, SPC58NNx
148/158
DS11734 Rev 6
27-Jun-2017
2 (cont’)
Table 17: I/O consumption:
– Updated all the max values of parameters IDYN_W and IDYN_M
Table 19: Reset Pad state during power-up and reset:
– Added this table.
Table 20: PLL0 electrical characteristics:
– For parameter “IPLL0”, classification changed from “C” to “T”.
– Footnote “Jitter values...measurement” added for parameters:
|ΔPLL0PHI0SPJ|
|ΔPLL0PHI1SPJ|
ΔPLL0LTJ
Table 21: PLL1 electrical characteristics:
– For parameter “IPLL1”, classification changed from “C” to “T”.
– Footnote “Jitter values...measurement” added for parameter “
|ΔPLL1PHI0SPJ|”
Section 3.11: Oscillators: Added this section.
Table 25: SARn ADC electrical specification:
– Footnote “The injected current...only adjacent ones” updated to “All channels
of all SAR-ADC12bit ... to current injection”
– For parameter fADCK (High frequency mode), changed min value from “7.5” to
“> 13.33”.
– Deleted footnote “Values are subject to change (possibly improved to ±2
LSB) after characterization”
– Added footnote “When using a GAIN ... resolution of 15 bits” to parameter
“RESOLUTION”.
– Added footnote “Conversion offset ... offset error” to parameter VOFFSET.
– Removed footnote “SNR value guaranteed ... frequency range” from
parameters- SNRDIFF150 and SNRDIFF333.
–In Vcmrr, changed “SR” to “CC” and “D” to “T”
– Changed min value from “1.5” to “—” in parameter “IADV_D”
– Changed min value from “3” to “—” in parameter “
ΣIADR_D”.
– Added footnote “Consumption is given ... set-up” to parameter “
ΣIADR_D”
– Removed footnote “Sampling is .... fADCD_M/2”
– Updated footnote “S/D ADC is ...12 dB”
– Classification for parameter “IADCREFH” changed from “C” to “T”.
Table 27: SDn ADC electrical specification:
– Footnote “All channels of...subject to current injection” added for parameter
ΔSNRINJ2
– Added table footnote “This parameter ...3 dB less” to parameters -
SNRDIFF150, SNRDIFF333, and SNRSE150
– Replaced the max value of ΣIADR_D of “16” with “80”.
– For parameter fADCD_S, updated the conditions column and added new
conditions with their max values.
– For parameter
δRIPPLE, updated the conditions column
– Added note “Propagation of the information...” to parameter tLATENCY.
– Updated all the conditions, for parameter Frolloff (all modes), .
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com