データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EN80C3RMSBY データシート(PDF) 150 Page - STMicroelectronics

部品番号 SPC58EN80C3RMSBY
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EN80C3RMSBY データシート(HTML) 150 Page - STMicroelectronics

Back Button SPC58EN80C3RMSBY Datasheet HTML 146Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 147Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 148Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 149Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 150Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 151Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 152Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 153Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 158 page
background image
Revision history
SPC584Nx, SPC58ENx, SPC58NNx
150/158
DS11734 Rev 6
27-Jun-2017
2 (cont’)
Table 42: Voltage monitor electrical characteristics:
–For VPOR031_C, changed the max value from 0.85 to 0.97.
–For TVMFILTER, replaced T with D.
– Min value of “VPOR200_C” updated from “1.96” to “1.80”
– Max value of “VPOR031_C” updated from “.85” “0.97”
– Changed the min value of parameter VPOR200_C from “1.96” to “1.80”
– Changed the max value of parameter VPOR031_C from “0.85” to “0.97”
– Changed the condition of parameter TVMFILTER from “T” to “D”
Table 39: Auxiliary regulator specifications:
– Classification of parameter “IDDAUX” changed from “T” to “P”.
Figure 15: Voltage monitor threshold definition:
– Updated the figure.
Section 3.17: Flash memory:
– Updated this section.
Figure 27: DSPI CMOS master mode — classic timing, CPHA = 1:
– Updated this figure.
Table 47: Nexus debug port timing:
– Classification of parameters “tEVTIPW” and “tEVTOPW” changed from “P” to “D”.
Table 51: DSPI channel frequency support:
– Added column to show slower and faster frequencies.
Table 53: DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1:
– Changed the Min value of tSCK (very strong) from 33 to 59.
Table 54: DSPI LVDS master timing — full duplex — modified transfer format
(MTFE = 1), CPHA = 0 or 1:
– Added footnote “LVDS differential load considered is the capacitance on each
terminal of the differential pair, as shown in Figure 12” to tSCK.
Table 55: DSPI LVDS master timing – output only – timed serial bus mode
TSB = 1 or ITSB = 1, CPOL = 0 or 1, continuous SCK clock,:
– Added footnote “LVDS differential load ....”.
– Added column to show slower and faster frequencies.
Section 3.18.6: CAN timing:
– Added this new section.
Table 76: Thermal characteristics for 176 exposed pad LQFP package and
Table 77: Thermal characteristics for 292-pin BGA:
– Updated the tables and its values.
Figure 51: Ordering information scheme:
– Updated the figure.
Table 78: Code Flash options:
– Added this new table.
Table 79: RAM options:
– Added this new table.
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com