| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 39 Page - NXP Semiconductors |
|
39 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 39 Confidential 5.2.3.3 CwConductance Register Selects the conductance of the antenna driver pins TX1 and TX2. Name: CwConductance Address: 0x12 Reset value: 00111111, 0x3F 7 6 5 4 3 2 1 0 0 0 GsCfgCW Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-6 00 These values shall not be changed 5-0 GsCfgCW The value of this register defines the conductance of the output driver. This may be used to regulate the output power and subsequently current consumption and operating distance. Note: For detailed information about GsCfgCW see 13.3 |